Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1017 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1017 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1013Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1014Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1015Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1016Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1017Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1018Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1019Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1020Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1021Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1017 / 1228 page
background image
Section 23 Power-Down Modes
Rev. 2.00 May. 08, 2008 Page 993 of 1200
REJ09B0344-0200
23.1.2
Reset
A reset is used when the power is turned on or to run the LSI again from the initialized state.
There are two types of reset: power-on reset and manual reset. In a power-on reset, all the ongoing
processing is halted and any unprocessed events are canceled, and the reset processing starts
immediately. On the other hand, a manual reset does not interrupt processing to retain external
memory data. Conditions for generating a power-on reset or manual reset are as follows:
(1)
Power-on Reset
1.
A low level is input to the
RES pin.
2.
The watchdog timer (WDT) starts counting with the WT/
IT bit in WTCSR set to 1 and with
the RSTS bit in WRCSR set to 0 while the RSRE bit in WRCSR is 1, and the counter
overflows.
3.
The H-UDI reset is generated (for details on the H-UDI reset, see section 24, User
Debugging Interface (H-UDI)).
(2)
Manual Reset
1.
A low level is input to the
MRES pin.
2.
The WDT starts counting with the WT/
IT bit in WTCSR set to 1 and with the RSTS bit in
WRCSR set to 1 while the RSRE bit in WRCSR is 1, and the counter overflows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com