Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1021 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1021 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1017Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1018Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1019Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1020Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1021Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1022Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1023Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1024Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1025Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1021 / 1228 page
background image
Section 23 Power-Down Modes
Rev. 2.00 May. 08, 2008 Page 997 of 1200
REJ09B0344-0200
23.3.3
Standby Control Register 3 (STBCR3)
STBCR3 is an 8-bit readable/writable register that controls the operation of modules in power-
down modes. STBCR3 is initialized to H'7E by a power-on reset but retains its previous value by a
manual reset or in software standby mode. Only byte access is possible.
7654321
0
01111110
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
MSTP
36
MSTP
35
MSTP
34
MSTP
33
MSTP
32
MSTP
31
HIZ
MSTP
30
Bit
Bit Name
Initial
Value
R/W
Description
7
HIZ
0
R/W
Port High Impedance
Selects whether the state of a specified pin is
retained or the pin is placed in the high-impedance
state in software standby mode. See appendix A, Pin
States to determine the pin to which this control is
applied.
Do not set this bit when the TME bit of WTSCR of the
WDT is 1. When setting the output pin to the high-
impedance state, set the HIZ bit with the TME bit
being 0.
0: The pin state is held in software standby mode.
1: The pin state is set to the high-impedance state in
software standby mode.
6
MSTP36
1
R/W
Module Stop 36
When the MSTP36 bit is set to 1, the supply of the
clock to the MTU2S is halted.
0: MTU2S runs.
1: Clock supply to MTU2S halted.
5
MSTP35
1
R/W
Module Stop 35
When the MSTP35 bit is set to 1, the supply of the
clock to the MTU2 is halted.
0: MTU2 runs.
1: Clock supply to MTU2 halted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com