Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1022 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1022 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1018Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1019Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1020Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1021Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1022Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1023Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1024Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1025Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1026Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1022 / 1228 page
background image
Section 23 Power-Down Modes
Rev. 2.00 May. 08, 2008 Page 998 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
4
MSTP34
1
R/W
Module Stop 34
When the MSTP34 bit is set to 1, the supply of the
clock to the POE2 is halted.
0: POE2 runs.
1: Clock supply to POE2 halted.
3
MSTP33
1
R/W
Module Stop 33
When the MSTP33 bit is set to 1, the supply of the
clock to the IIC3 is halted.
0: IIC3 runs.
1: Clock supply to IIC3 halted.
2
MSTP32
1
R/W
Module Stop 32
When the MSTP32 bit is set to 1, the supply of the
clock to the ADC is halted.
0: ADC runs.
1: Clock supply to ADC halted.
1
MSTP31
1
R/W
Module Stop 31
When the MSTP31 bit is set to 1, the supply of the
clock to the DAC is halted.
0: DAC runs.
1: Clock supply to DAC halted.
0
MSTP30
0
R/W
Module Stop 30
When the MSTP30 bit is set to 1, the supply of the
clock to the flash memory is halted.
0: Flash memory runs.
1: Clock supply to flash memory halted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com