Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1020 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1020 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1016Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1017Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1018Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1019Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1020Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1021Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1022Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1023Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1024Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1020 / 1228 page
background image
Section 23 Power-Down Modes
Rev. 2.00 May. 08, 2008 Page 996 of 1200
REJ09B0344-0200
23.3.2
Standby Control Register 2 (STBCR2)
STBCR2 is an 8-bit readable/writable register that controls the operation of modules in power-
down modes. STBCR2 is initialized to H'00 by a power-on reset but retains its previous value by a
manual reset or in software standby mode. Only byte access is possible.
7654321
0
00000000
R/W
R/W
R/W
R
R
R
R
R
Bit:
Initial value:
R/W:
MSTP
10
MSTP
9
MSTP
8
--
--
-
Bit
Bit Name
Initial
Value
R/W
Description
7
MSTP10
0
R/W
Module Stop 10
When the MSTP10 bit is set to 1, the supply of the
clock to the H-UDI is halted.
0: H-UDI runs.
1: Clock supply to H-UDI halted.
6
MSTP9
0
R/W
Module Stop 9
When the MSTP9 bit is set to 1, the supply of the
clock to the UBC is halted.
0: UBC runs.
1: Clock supply to UBC halted.
5
MSTP8
0
R/W
Module Stop 8
When the MSTP8 bit is set to 1, the supply of the
clock to the DMAC is halted.
0: DMAC runs.
1: Clock supply to DMAC halted.
4 to 0
⎯
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com