Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1032 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1032 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1028Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1029Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1030Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1031Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1032Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1033Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1034Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1035Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1036Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1032 / 1228 page
background image
Section 23 Power-Down Modes
Rev. 2.00 May. 08, 2008 Page 1008 of 1200
REJ09B0344-0200
23.4.3
Software Standby Mode Application Example
This example describes a transition to software standby mode on the falling edge of the NMI
signal, and cancellation on the rising edge of the NMI signal. The timing is shown in figure 23.1.
When the NMI pin is changed from high to low level while the NMI edge select bit (NMIE) in
ICR is set to 0 (falling edge detection), the NMI interrupt is accepted. When the NMIE bit is set to
1 (rising edge detection) by the NMI exception service routine, the STBY bit in STBCR is set to 1,
and a SLEEP instruction is executed, software standby mode is entered. Thereafter, software
standby mode is canceled when the NMI pin is changed from low to high level.
CK
NMI pin
NMIE bit
STBY bit
LSI state
Oscillator
Program
execution
NMI
exception
handling
NMI exception
handling
Exception
service routine
Software
standby mode
Oscillation
settling time
Figure 23.1 NMI Timing in Software Standby Mode (Application Example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com