| Electronic Components Datasheet Search |
|
R5F72115D160FPV Datasheet(PDF) 1036 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F72115D160FPV Datasheet(HTML) 1036 Page - Renesas Technology Corp |
|
1036 / 1228 page ![]() Section 24 User Debugging Interface (H-UDI) Rev. 2.00 May. 08, 2008 Page 1012 of 1200 REJ09B0344-0200 24.2 Input/Output Pins Table 24.1 Pin Configuration Pin Name Symbol I/O Function H-UDI serial data input/output clock pin TCK Input Data is serially supplied to the H-UDI from the data input pin (TDI), and output from the data output pin (TDO), in synchronization with this clock. Mode select input pin TMS Input The state of the TAP control circuit is determined by changing this signal in synchronization with TCK. For the protocol, see figure 24.2. H-UDI reset input pin TRST Input Input is accepted asynchronously with respect to TCK, and when low, the H-UDI is reset. TRST must be low for a constant period when power is turned on regardless of using the H-UDI function. See section 24.4.2, Reset Configuration, for more information. H-UDI serial data input pin TDI Input Data transfer to the H-UDI is executed by changing this signal in synchronization with TCK. H-UDI serial data output pin TDO Output Data read from the H-UDI is executed by reading this pin in synchronization with TCK. The initial value of the data output timing is the TCK falling edge. This can be changed to the TCK rising edge by inputting the TDO change timing switch command to SDIR. See section 24.4.3, TDO Output Timing, for more information. ASE mode select pin ASEMD* Input If a low level is input at the ASEMD pin while the RES pin is asserted, ASE mode is entered; if a high level is input, normal mode is entered. In ASE mode, dedicated emulator function can be used. The input level at the ASEMD pin should be held for at least one cycle after RES negation. Note: * When the emulator is not in use, fix this pin to the high level. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |