Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1040 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1040 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1036Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1037Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1038Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1039Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1040Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1041Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1042Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1043Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1044Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1040 / 1228 page
background image
Section 24 User Debugging Interface (H-UDI)
Rev. 2.00 May. 08, 2008 Page 1016 of 1200
REJ09B0344-0200
24.4.2
Reset Configuration
Table 24.4
Reset Configuration
ASEMD*1
RES
TRST
Chip State
H
L
L
Power-on reset and H-UDI reset
H
Power-on reset
H
L
H-UDI reset only
H
Normal operation
L
L
L
Reset hold*
2
H
Power-on reset
H
L
H-UDI reset only
H
Normal operation
Notes: 1. Performs normal mode and ASE mode settings
ASEMD = H, normal mode
ASEMD = L, ASE mode
2. In ASE mode, reset hold is entered if the
TRST pin is driven low while the RES pin is
negated. In this state, the CPU does not start up. When
TRST is driven high, H-UDI
operation is enabled, but the CPU does not start up. The reset hold state is cancelled
by a power-on reset.
24.4.3
TDO Output Timing
The initial value of the TDO change timing is to perform data output from the TDO pin on the
TCK falling edge. However, setting a TDO change timing switch command in SDIR via the H-
UDI pin and passing the Update-IR state synchronizes the TDO change timing to the TCK rising
edge. Thereafter the TDO change timing cannot be changed unless a power-on reset that asserts
the
TRST pin simultaneously is performed.
TDO
(initial value)
TCK
TDO
(after execution of TDO change
timing switch command)
tTDOD
tTDOD
Figure 24.3 H-UDI Data Transfer Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com