Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1038 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1038 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1034Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1035Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1036Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1037Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1038Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1039Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1040Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1041Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1042Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1038 / 1228 page
background image
Section 24 User Debugging Interface (H-UDI)
Rev. 2.00 May. 08, 2008 Page 1014 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial Value
R/W
Description
15 to 8
TI[7:0]
11101111*
R
Test Instruction
The H-UDI instruction is transferred to SDIR by a
serial input from TDI.
For commands, see table 24.3.
7 to 2
⎯
All 1
R
Reserved
These bits are always read as 1.
1
⎯
0
R
Reserved
This bit is always read as 0.
0
⎯
1
R
Reserved
This bit is always read as 1.
Note:
*
The initial value of the TI[7:0] bits is a reserved value. When setting a command, the
TI[7:0] bits must be set to another value.
Table 24.3
H-UDI Commands
Bits 15 to 8
TI7
TI6
TI5
TI4
TI3
TI2
TI1
TI0
Description
0
1
1
0
—
—
—
—
H-UDI reset negate
0
1
1
1
—
—
—
—
H-UDI reset assert
1
0
0
1
1
1
0
0
TDO change timing switch
1
0
1
1
—
—
—
—
H-UDI interrupt
1
1
1
1
—
—
—
—
BYPASS mode
Other than above
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com