Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1041 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1041 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1037Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1038Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1039Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1040Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1041Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1042Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1043Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1044Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1045Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1041 / 1228 page
background image
Section 24 User Debugging Interface (H-UDI)
Rev. 2.00 May. 08, 2008 Page 1017 of 1200
REJ09B0344-0200
24.4.4
H-UDI Reset
An H-UDI reset is executed by setting an H-UDI reset assert command in SDIR. An H-UDI reset
is of the same kind as a power-on reset. An H-UDI reset is released by setting an H-UDI reset
negate command. The required time between the H-UDI reset assert command and H-UDI reset
negate command is the same as time for keeping the
RES pin low to apply a power-on reset.
H-UDI reset assert
H-UDI reset negate
SDIR
Chip internal reset
CPU state
Fetch the initial values of PC and SR from
the exception handling vector table
Figure 24.4 H-UDI Reset
24.4.5
H-UDI Interrupt
The H-UDI interrupt function generates an interrupt by setting a command from the H-UDI in
SDIR. An H-UDI interrupt is a general exception/interrupt operation, resulting in fetching the
exception service routine start address from the exception handling vector table, jumping to that
address, and starting program execution from that address. This interrupt request has a fixed
priority level of 15.
H-UDI interrupts are accepted in sleep mode, but not in software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com