Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1029 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1029 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1025Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1026Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1027Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1028Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1029Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1030Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1031Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1032Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1033Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1029 / 1228 page
background image
Section 23 Power-Down Modes
Rev. 2.00 May. 08, 2008 Page 1005 of 1200
REJ09B0344-0200
23.4
Operation
23.4.1
Sleep Mode
(1)
Transition to Sleep Mode
Executing the SLEEP instruction when the STBY bit in STBCR is 0 causes a transition from the
program execution state to sleep mode. Although the CPU halts immediately after executing the
SLEEP instruction, the contents of its internal registers remain unchanged. The on-chip modules
continue to run in sleep mode. Clock pulses are output continuously on the CK pin.
(2)
Canceling Sleep Mode
Sleep mode is canceled by an interrupt (NMI, IRQ, and on-chip peripheral module), DMA address
error, or reset (manual reset or power-on reset).
• Canceling with an interrupt
When an NMI, IRQ, or on-chip peripheral module interrupt occurs, sleep mode is canceled and
interrupt exception handling is executed. When the priority level of the generated interrupt is
equal to or lower than the interrupt mask level that is set in the status register (SR) of the CPU,
or the interrupt by the on-chip peripheral module is disabled on the module side, the interrupt
request is not accepted and sleep mode is not canceled.
• Canceling with a DMA address error
When a DMA address error occurs, sleep mode is canceled and DMA address error exception
handling is executed.
• Canceling with a reset
Sleep mode is canceled by a power-on reset or a manual reset.
23.4.2
Software Standby Mode
(1)
Transition to Software Standby Mode
The LSI switches from a program execution state to software standby mode by executing the
SLEEP instruction when the STBY bit in STBCR is 1. In software standby mode, not only the
CPU but also the clock and on-chip peripheral modules halt. The clock output from the CK pin
also halts.
The contents of the CPU remain unchanged. Some registers of on-chip peripheral modules are,
however, initialized. Table 23.4 shows the states of peripheral module registers in software
standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com