Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1027 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1027 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1023Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1024Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1025Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1026Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1027Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1028Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1029Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1030Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1031Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1027 / 1228 page
background image
Section 23 Power-Down Modes
Rev. 2.00 May. 08, 2008 Page 1003 of 1200
REJ09B0344-0200
23.3.6
System Control Register 2 (SYSCR2)
SYSCR2 is an 8-bit readable/writable register that enables or disables write to the on-chip RAM.
SYSCR2 is initialized to H'FF by a power-on reset but retains its previous value by a manual reset
or in software standby mode. Only byte access is valid.
When an RAMWE bit is set to 1, the corresponding on-chip RAM area is enabled. When an
RAMWE bit is cleared to 0, the corresponding on-chip RAM area cannot be written to. In this
case, writing to the on-chip RAM is ignored. The initial value of an RAMWE bit is 1.
Note that when clearing the RAMWE bit to 0 to disable the on-chip RAM, be sure to execute an
instruction to read from or write to the same arbitrary address in each page before setting the
RAMWE bit. If such an instruction is not executed, the data last written to each page may not be
written to the on-chip RAM. Furthermore, an instruction to access the on-chip RAM should not be
located immediately after the instruction to write to SYSCR2. If an on-chip RAM access
instruction is set, normal access is not guaranteed.
To enable the on-chip RAM by setting the RAMWE bit to 1, locate an instruction to read data
from SYSCR2 immediately after an instruction to write to SYSCR2. If an instruction to access the
on-chip RAM is located immediately after the instruction to write to SYSCR2, normal access is
not guaranteed.
7654321
0
11111111
RRRR
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
----
RAM
WE3
RAM
WE2
RAM
WE1
RAM
WE0
Bit
Bit Name
Initial
Value
R/W
Description
7 to 4
⎯
All 1
R
Reserved
These bits are always read as 1. The write value
should always be 1.
3
RAMWE3
1
R/W
RAM Write Enable 3 (corresponding RAM addresses:
H'FFF86000 to H'FFF87FFF)
0: On-chip RAM write disabled
1: On-chip RAM write enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com