Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1171 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1171 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1167Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1168Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1169Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1170Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1171Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1172Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1173Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1174Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1175Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1171 / 1228 page
background image
Rev. 2.00 May. 08, 2008 Page 1147 of 1200
REJ09B0344-0200
Main Revisions for This Edition
Item
Page
Revision (See Manual for Details)
1.1 SH7211 Features
Table 1.1 SH7211
Features
5
Table amended
Items
Specification
Multi-function timer
pulse unit 2 (MTU2)
•
Pulse output modes
Toggle, PWM, complementary PWM, and reset-synchronized PWM
modes
6
Table amended
Items
Specification
User break controller
(UBC)
User debugging
interface (H-UDI)
Advanced user
debugger II (AUD- II)
•
Four break channels
•
Addresses,
type of access, and data size can all be set as break
conditions
•
E10A emulator support
•
JTAG-standard pin assignment
•
Realtime branch trace
•
Six
output pins
•
Branch source address/destination address trace
•
Full trace
All trace data can be output by interrupting CPU operation
•
Window data trace
•
Realtime trace
Trace data can be output within the range where CPU operation is not
interrupted
1.4 Pin Functions
Table 1.2 Pin Functions
9
Table amended
Classification
I/O
Clock
O
Symbol
CK
Name
System clock
Function
Supplies the system clock to external
devices.
3.1 Selection of
Operating Modes
Table 3.1 Selection of
Operating Modes
55
Table amended
Pin Setting
Bus Width of CS0 Space
Mode No.
MD1
FWE
MD0
Mode Name
On-Chip ROM
SH7211F
Mode 6*
1
1
0
User program mode
Active
Set by CS0BCR in BSC
4.1 Features
61
Description amended
•
Clock operating modes
Either the internal crystal resonator or the input on the
external clock-signal line can be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com