Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1173 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1173 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1169Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1170Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1171Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1172Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1173Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1174Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1175Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1176Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1173 / 1228 page
background image
Rev. 2.00 May. 08, 2008 Page 1149 of 1200
REJ09B0344-0200
Item
Page
Revision (See Manual for Details)
4.4.1 Frequency
Control Register
(FRQCR)
70
Table amended
Bit
6 to 4
IFC[2:0]
000
R/W
Internal Clock (I
φ) Frequency Division Ratio
These bits specify the frequency division ratio of the
internal clock with respect to the output frequency of
PLL circuit 1.
If a prohibited value is specified, correct operation
cannot be guaranteed.
000:
× 1 time
001:
× 1/2 time
011:
× 1/4 time
Other than above: Setting prohibited
Bit Name
R/W
Description
Initial
Value
2 to 0
PFC[2:0]
011
R/W
Peripheral Clock (P
φ) Frequency Division Ratio
These bits specify the frequency division ratio of the
peripheral clock with respect to the output frequency
of PLL circuit 1.
If a prohibited value is specified, correct operation
cannot be guaranteed.
000:
× 1 time
001:
× 1/2 time
011:
× 1/4 time
101:
× 1/8 time
Other than above: Setting prohibited
5.2.2 Power-On Reset
(1) Power-On Reset by
Means of
RES Pin
84
Description amended
When the
RES pin is driven low, this LSI enters the power-on
reset state. To reliably reset this LSI, the
RES pin should be
kept at the low level for the duration of the oscillation settling
time at power-on or when in software standby mode (when the
clock is halted), or at least 20-tcyc
when the clock is
running.
5.2.3 Manual Reset
(1) Manual Reset by
Means of
MRES Pin
86
Description amended
When the
MRES pin is driven low, this LSI enters the manual
reset state. To reset this LSI without fail, the
MRES pin should
be kept at the low level for at least 20-tcyc
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com