Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1175 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1175 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1171Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1172Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1173Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1174Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1175Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1176Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1177Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1178Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1175 / 1228 page
background image
Rev. 2.00 May. 08, 2008 Page 1151 of 1200
REJ09B0344-0200
Item
Page
Revision (See Manual for Details)
6.5 Interrupt Exception
Handling Vector Table
and Priority
Table 6.4 Interrupt
Exception Handling
Vectors and Priorities
119
Table amended
Interrupt Source Number
DEI0
DMAC0
HEI0
DEI1
DMAC1
HEI1
DEI2
DMAC
DMAC2
DEI3
DMAC3
DEI4
DMAC4
DEI5
DMAC5
DEI6
DMAC6
DEI7
DMAC7
HEI2
HEI3
HEI4
HEI5
HEI6
HEI7
6.7 Interrupt Response
Time
Table 6.5 Interrupt
Response Time
130
Notes amended
Notes: 2. In the case that (I
φ, Bφ, Pφ) = (160 MHz, 40 MHz,
40 MHz).
8.1 Features
Figure 8.1 Block
Diagram of BSC
177
Description amended
[Legend]
CMNCR: Common control register
CSnWCR: CSn space wait control register (n = 0 to 7)
CSnBCR: CSn space bus control register (n = 0 to 7)
8.3.2 Setting Operating
Modes
181
Description amended
• Initial Settings of Endianness
… In on-chip ROM-enabled mode, all the endianness of
areas 0 to 7 can be changed by register settings in the
program. Little endian cannot be selected in area 0. Since
both 32-bit and 16-bit accesses are included in instruction
fetches, no instructions can be assigned in little endian
area. Accordingly, instructions should be executed in big
endian area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com