Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1177 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1177 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1173Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1174Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1175Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1176Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1177Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1178Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1179Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1180Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1177 / 1228 page
background image
Rev. 2.00 May. 08, 2008 Page 1153 of 1200
REJ09B0344-0200
Item
Page
Revision (See Manual for Details)
9.3.4 DMA Channel
Control Registers
(CHCR)
313
Table amended
Bit
16
AL
0
R/W
Acknowledge Level
Specifies the DACK (acknowledge) signal output is
high active or low active.
This bit is valid only in CHCR_0 to CHCR_3. This bit is
reserved in CHCR_4 to CHCR_7; it is always read as
0 and the write value should always be 0.
0: Low-active output from DACK
1: High-active output from DACK
Bit Name
R/W
Descriptions
Initial
Value
9.3.5 DMA Reload
Source Address
Registers (RSAR)
318
Figure amended
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654321
0
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
9.3.6 DMA Reload
Destination Address
Registers (RDAR)
319
Figure amended
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654321
0
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
9.3.7 DMA Reload
Transfer Count Registers
(RDMATCR)
320
Figure amended
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654321
0
0000000000000000
R
R
R
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0000000000000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
--------
10.1 Features
Table 10.1 MTU2
Functions
353
Table amended
Item
Channel 0
Channel 1
Channel 2
Channel 3
Channel 4
Channel 5
DMAC activation
TGR
compare
match or
input capture
TGR
compare
match or
input capture
TGR
compare
match or
input capture
TGR
compare
match or
input capture
TGR
compare
match or
input capture
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com