Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1180 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1180 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1176Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1177Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1178Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1179Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1180Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1181Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1182Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1183Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1184Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1180 / 1228 page
background image
Rev. 2.00 May. 08, 2008 Page 1156 of 1200
REJ09B0344-0200
Item
Page
Revision (See Manual for Details)
15.1 Features
666
Description deleted
• When the SCIF is not in use, it can be stopped by halting
the clock supplied to it, saving power.
• The quantity of data in the transmit and receive FIFO data
registers and the number of receive errors of the receive
data in the receive FIFO data register can be ascertained.
15.3.7 Serial Status
Register (SCFSR)
682
Table amended
Bit
5
TDFE
1
R/(W)*
[Clearing conditions]
Transmit FIFO Data Empty
Indicates that data has been transferred from the
transmit FIFO data register (SCFTDR) to the transmit
shift register (SCTSR), the quantity of data in
SCFTDR has become less than the transmission
trigger number specified by the TTRG1 and TTRG0
bits in the FIFO control register (SCFCR), and writing
of transmit data to SCFTDR is enabled.
0: The quantity of transmit data written to SCFTDR is
greater than the specified transmission trigger
number
Note: * Since SCFTDR is a 16-byte FIFO register,
the maximum quantity of data that can be
written when TDFE is 1 is "16 minus the
specified transmission trigger number". If an
attempt is made to write additional data, the
data is ignored. The quantity of data in
SCFTDR is indicated by the upper 8 bits of
SCFDR.
1: The quantity of transmit data in SCFTDR is equal
to or less than the specified transmission trigger
number*
• TDFE is cleared to 0 when data exceeding the
specified transmission trigger number is written to
SCFTDR after 1 is read from TDFE and then 0 is
written
[Setting conditions]
• TDFE is set to 1 by a power-on reset
• TDFE is set to 1 when the quantity of transmit
data in SCFTDR becomes equal to or less than
the specified transmission trigger number as a
result of transmission.
• TDFE is cleared to 0 when data exceeding the
specified transmission trigger number is written to
SCFTDR by the DMAC.
Bit Name
R/W
Description
Initial
Value
15.3.8 Bit Rate Register
(SCBRR)
687
Description amended
The CPU can always read and write to SCBRR. SCBRR is
initialized to H'FF by a power-on reset. Each channel has
independent baud rate generator control, so different values
can be set in four channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com