Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1183 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1183 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1179Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1180Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1181Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1182Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1183Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1184Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1185Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1186Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1183 / 1228 page
background image
Rev. 2.00 May. 08, 2008 Page 1159 of 1200
REJ09B0344-0200
Item
Page
Revision (See Manual for Details)
16.3.3 I
2C Bus Mode
Register (ICMR)
734
Figure amended
7654321
0
00111000
R/W
R
R
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
MLS
-
-
-
BCWP
BC[2:0]
R
Table amended
Bit
60
R
Reserved
This bit is always read as 0. The write value should
always be 0.
Bit Name
R/W
Description
Initial
Value
—
16.4.2 Master Transmit
Operation
745
Description amended
1. Set the ICE bit in ICCR1 to 1. Also, set the
bits CKS[3:0]
in ICCR1. (Initial setting)
16.6 Bit Synchronous
Circuit
Figure 16.22 Bit
Synchronous Circuit
Timing
765
Figure replaced
Table 16.5 Time for
Monitoring SCL
766
Table amended
CKS3
CKS2
Time for Monitoring SCL
0
1
Note: * tpcyc stands for the peripheral clock (P
φ) cycle.
9 tpcyc*
0
21 tpcyc*
1
33 tpcyc*
0
81 tpcyc*
1
16.7 Usage Notes
767
Newly added
17.1 Features
769
Description amended
• High-speed conversion
When A
φ = 40 MHz: Minimum 1.25 μs per channel
AD clock = 40 MHz, 50 conversion
states
•
A/D data registers
Eight
A/D data registers (ADDR) are provided. A/D
conversion results are stored in A/D data registers (ADDR)
that correspond to the input channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com