Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1185 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1185 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1181Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1182Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1183Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1184Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1185Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1186Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1187Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1188Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1185 / 1228 page
background image
Rev. 2.00 May. 08, 2008 Page 1161 of 1200
REJ09B0344-0200
Item
Page
Revision (See Manual for Details)
19.1 Register
Descriptions
Table 19.5 Register
Configuration
810
Table amended
Register Name
Abbreviation R/W
Initial Value
Address
Access Size
IRQOUT function control
register
IFCR
R/W
H'0000
H'FFFE38A2
16
19.1.2 Port A Control
Registers H1 to H3, L1
to L4 (PACRH1 to
PACRH3, PACRL1 to
PACRL4)
(4) Port A Control
Register L4 (PACRL4)
819
Table amended
Bit
14 to 12
PA15MD[2:0]
000*
R/W
PA15 Mode
Select the function of the PA15/A15/SCK3 pin.
Area 0: 16-bit mode/8-bit mode
000: PA15 I/O (port)
001: A15 output (BSC) (initial value)
010: Setting prohibited
011: Setting prohibited
100: Setting prohibited
101: SCK3 I/O (SCIF)
110: Setting prohibited
111: Setting prohibited
Bit Name
R/W
Description
Initial
Value
•
(5) Port A Control
Register L3 (PACRL3)
821
Table amended
Bit
10 to 8
PA10MD[2:0]
000*
R/W
PA10 Mode
Select the function of the PA10/A10 pin.
Area 0: 16-bit mode/8-bit mode
000: PA10 I/O (port)
001: A10 output (BSC) (initial value)
010: Setting prohibited
011: Setting prohibited
100: Setting prohibited
101: Setting prohibited
110: Setting prohibited
111: Setting prohibited
Bit Name
R/W
Description
Initial
Value
•
(7) Port A Control
Register L1 (PACRL1)
826
Table amended
Bit
6 to 4
PA1MD[2:0]
000*
R/W
PA1 Mode
Select the function of the PA1/A1 pin.
Area 0: 16-bit mode/8-bit mode
000: PA1 I/O (port)
001: A1 output (BSC) (initial value)
010: Setting prohibited
011: Setting prohibited
100: Setting prohibited
101: Setting prohibited
110: Setting prohibited
111: Setting prohibited
Bit Name
R/W
Description
Initial
Value
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com