Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1188 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1188 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1184Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1185Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1186Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1187Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1188Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1189Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1190Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1191Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1188 / 1228 page
background image
Rev. 2.00 May. 08, 2008 Page 1164 of 1200
REJ09B0344-0200
Item
Page
Revision (See Manual for Details)
19.1.4 Port B Control
Registers H1 to H4, L1
to L4 (PBCRH1 to
PBCRH4, PBCRL1 to
PBCRL4)
(8) Port B Control
Register L1 (PBCRL1)
842
Table amended
Bit
14 to 12
PB3MD[2:0]
000*
R/W
PB3 Mode
Select the function of the PB3/CK pin.
11
—
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
Area 0: 16-bit mode/8-bit mode
000: PB3 I/O (port)
001: CK output (CPG) (initial value)
010: Setting prohibited
011: Setting prohibited
100: Setting prohibited
101: Setting prohibited
110: Setting prohibited
111: Setting prohibited
Bit Name
R/W
Description
Initial
Value
•
10 to 8
PB2MD[2:0]
000*
R/W
PB2 Mode
Select the function of the PB2/
CS0/POE4/SCK0 pin.
Area 0: 16-bit mode/8-bit mode
000: PB2 I/O (port)
001:
CS0 output (BSC) (initial value)
010: Setting prohibited
011: Setting prohibited
100:
POE4 input (POE2)
101: SCK0 I/O (SCIF)
110: Setting prohibited
111: Setting prohibited
•
843
Note added
Note: * The initial value depends on the operating mode of
the LSI.
19.1.7 Port F Control
Register L1 (PFCRL1)
858
Table amended
Bit
2 to 0
PF0MD[2:0]
000
R/W
PF0 Mode
Select the function of the PF0/IRQ0/
POE7/SCL pin.
000: PF0 input (port)
001: Setting prohibited
010: Setting prohibited
011: IRQ0 input (INTC)
100:
POE7 input (POE2)
101: SCL I/O (IIC3)
110: Setting prohibited
111: Setting prohibited
Bit Name
R/W
Description
Initial
Value
20.2 Port B
Figure 20.2 Port B
870
Figure amended
Port B
PB30 (I/O) /
IRQOUT (output) / REFOUT (output) / UBCTRG (output) / ASEBRKAK (output)
/
ASEBRK (input)
PB29 (I/O) / DREQ0 (input) / TIOC1B (I/O)
PB28 (I/O) / DACK0 (output) / TIOC1A (I/O) / RXD3 (input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com