Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1191 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1191 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1187Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1188Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1189Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1190Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1191Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1192Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1193Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1194Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1195Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1191 / 1228 page
background image
Rev. 2.00 May. 08, 2008 Page 1167 of 1200
REJ09B0344-0200
Item
Page
Revision (See Manual for Details)
21.5.2 User Program
Mode
(4) Erasing and
Programming Procedure
in User Program Mode
Figure 21.13 Sample
Procedure of Repeating
RAM Emulation, Erasing,
and Programming
(Overview)
934
Figure amended
1
1
Start procedure program
Initialize erasing program
Download erasing program
Initialize programming
program
Download programming
program
End?
End procedure program
Confirm operation
Erase relevant block
(execute erasing program)
Yes
No
Set FTDAR to H'00
(Specify H'FFF81000 as
download destination)
Set FTDAR to H'02
(Specify H'FFF82000 as
download destination)
Set FMPDR to H'FFF86000 to
program relevant block
(execute programming program)
935
Description amended
2. Be sure to initialize both the erasing program and
programming program.
Initialization by setting the FPEFEQ and FUBRA
parameters must be performed for both the erasing
program and the programming program. Initialization must
be executed for both entry addresses: (download start
address for erasing program) + 32 bytes (H'FFF81020 in
this example) and (download start address for
programming program) + 32 bytes (H'FFF82020 in this
example).
21.7.2 Interrupts during
Programming/Erasing
Figure 21.18 Timing of
Contention between
SCO Download Request
and Interrupt Request
945
Figure amended
n
n+1
n+2
n+3
n+4
Fetch
Decoding
Execution
Execution
Execution
(a)
(b)
CPU cycle
CPU operation for instruction
that sets SCO bit to 1
(a) When the interrupt is accepted at the (n + 1) cycle or before
After the interrupt processing completes, the SCO bit is set to 1 and download is executed.
(b) When the interrupt is accepted at the (n + 2) cycle or later
The interrupt will conflicts with the SCO download request. Ensure that no interrupt is generated.
Interrupt acceptance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com