Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1192 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1192 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1188Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1189Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1190Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1191Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1192Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1193Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1194Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1195Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1192 / 1228 page
background image
Rev. 2.00 May. 08, 2008 Page 1168 of 1200
REJ09B0344-0200
Item
Page
Revision (See Manual for Details)
21.7.3 Other Notes
(2) User Branch
Processing Intervals
947
Description amended
The intervals for executing the user branch processing differs
in programming and erasing. The processing phase also
differs. Table 21.10 lists the maximum
intervals for
initiating the user branch processing when the CPU clock
frequency is 40 MHz.
Table 21.10 Initiation
Intervals of User Branch
Processing
Table amended
Processing Name
Maximum Interval
Programming
Erasing
Note: * Reference value
Approximately 2 ms*
Approximately 15 ms*
Description amended
However, when operation is done with CPU clock of 40 MHz,
maximum
values of the time until first user branch
processing are as shown in table 21.11.
Table 21.11 Initial User
Branch Processing Time
Table amended
Processing Name
Maximum
Programming
Erasing
Note: * Reference value
Approximately 2 ms*
Approximately 15 ms*
(7) The Operating
Frequency in On-Board
Programming Mode
948
Newly added
(8) Programming the
User MAT in User
Program Mode
Newly added
21.8.1 Specifications of
the Standard Serial
Communications
Interface in Boot Mode
(4) Inquiry-and-
Selection State
(k) New Bit Rate
Selection
961
Description amended
• Input frequency (2 bytes): The frequency of the clock
signal fed to the boot program
This should be the frequency in MHz to the second
decimal place, multiplied by 100 (for example, if the
frequency is 8.882 MHz, the value is truncated to the
second decimal place and multiplied by 100, making 888;
so H'0378 should be set in this field).
21.8.2 Areas for
Storage of the
Procedural Program and
Data for Programming
979
Description amended
4. The flash memory is accessible until the start of
programming or erasing, that is, until the result of
downloading has been decided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com