Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1189 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1189 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1185Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1186Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1187Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1188Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1189Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1190Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1191Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1192Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1193Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1189 / 1228 page
background image
Rev. 2.00 May. 08, 2008 Page 1165 of 1200
REJ09B0344-0200
Item
Page
Revision (See Manual for Details)
21.1 Features
886
Description amended
• Programming/erasing time
The time taken to program 256 bytes of flash memory in a
single round is 2 ms (typ.), which is equivalent to 7.8
μs
per byte. The erasing time is 80 ms (typ.) per 8-Kbyte
block, 600 ms (typ.) per 64-Kbyte block, and 1200 ms
(typ.) per 128-Kbyte block.
• Number of programming operations
The flash memory can be programmed up to 100 times.
21.2.2 Operating Mode
Figure 21.2 Mode
Transition of Flash
Memory
888
Figure amended
Programmer
mode
Reset state
ROM invalid
mode
User mode
User program
mode
User boot
mode
Boot mode
On-board programming mode
Note: * Except for single chip mode.
FWE = 0
FWE = 1
RES = 0
ROM invalid
mode setting
RES
= 0
User
mode
setting
Boot
mode
settin
g
RES
= 0
RES = 0
Programmer
mode setting
Table 21.1 Relationship
between FWE and MD
Pins and Operating
Modes
889
Table amended
Pin
RES
FWE
MD0
MD1
Reset
State
0
0/1
0/1
0/1
ROM
Invalid
Mode
1
0
0/1*1
0
User
Mode
1
0
0/1*2
1
User
Program
Mode
1
1
0
1
User
Boot
Mode
1
1
1
0
Boot
Mode
1
1
0
0
Programmer
Mode
Setting value
depends on the
condition of the
specialized
PROM
programmer.
21.4.1 Registers
Table 21.5 Register/
Parameter and Target
Mode
897
Table amended
Programming/
erasing interface
registers
FCCS
FPCS
FECS
FKEY
FMATS
FTDAR
Download
Initiali-
zation
Program-
ming
Erasure
Read
—
—
—
—
—
—
—
—
—
—
√*2
—
—
—
—
√
√*1
—
—
—
—
√
√*1
—
—
—
—
—
—
—
√
√
√
√
—
√
RAM
Emulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com