Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1184 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1184 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1180Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1181Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1182Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1183Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1184Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1185Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1186Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1187Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1188Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1184 / 1228 page
background image
Rev. 2.00 May. 08, 2008 Page 1160 of 1200
REJ09B0344-0200
Item
Page
Revision (See Manual for Details)
17.4.3 Input Sampling
and A/D Conversion
Time
Figure 17.4 A/D
Conversion Timing
(Single-Cycle Scan
Mode)
786
Figure amended
ADF
Conversion time
per channel
50 states
A
φ = 40 MHz: 1.25 μs
End of A/D
conversion
17.7.4 Notes on Board
Design
793
Description amended
Also, digital circuitry must be isolated from the analog input
signals (AN0 to AN7), analog reference power supply
(AVREF), the analog power supply (AV
CC),
the analog
ground (AV
SS), and the analog reference ground (AVREFVSS).
Also, AV
SS should be connected at one point to a stable digital
ground (V
SS) on the board.
17.7.5 Notes on Noise
Countermeasures
Figure 17.8 Example of
Analog Input Pin
Protection Circuit
794
Figure amended
4.5 V to 5.5 V
GND
10
μF
0.1
μF
0.1
μF
Analog input pin
(channel 0 to 7)
100
Ω
0.1
μF
AVCC
AVSS
AVREFH
AVREFVSS
AN0 to AN7
SH7211F
17.7.7 Treatment of
AV
CC and AVSS When the
A/D Converter is Not
Used
794
Newly added
18.5.3 Setting Analog
Input Voltage
801
Description amended
1. AV
CC and AVSS input voltages
Input voltages AVCC and AV
SS should be VCC ≤ AVCC ≤ 5.0 V
± 0.5 V and AV
SS = VSS. Do not leave the AVCC and AVSS
pins open when the A/D converter or D/A converter is not
in use and in software standby mode. When not in use,
connect AV
CC to the power supply (VCCQ) and AVSS to the
ground (V
SSQ).
2. Setting range of AVREF input voltage
Set the voltage range of the AVREF pin as AVREF = AV
CC
± 0.3 V when the A/D converter or D/A converter is used,
or as AVREF = AV
CC when no A/D converter or D/A
converter is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com