Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1182 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1182 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1178Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1179Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1180Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1181Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1182Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1183Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1184Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1185Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1186Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1182 / 1228 page
background image
Rev. 2.00 May. 08, 2008 Page 1158 of 1200
REJ09B0344-0200
Item
Page
Revision (See Manual for Details)
15.4.3 Operation in
Clocked Synchronous
Mode
Figure 15.11 Sample
Flowchart for
Transmitting Serial Data
714
Figure amended
Start of transmission
Read TDFE flag in SCFSR
TDFE = 1?
All data transmitted?
No
Yes
No
[1]
[2]
Write transmit data to SCFTDR,
read TDFE and TEND flags in
SCFSR, and clear the TDRE and
TEND flags in SCFSR to 0
[1] SCIF status check and transmit data
write:
Read SCFSR and check that the
TDFE flag is set to 1, then write
transmit data to SCFTDR, read 1
from the TDFE and TEND flags, and
clear these flags to 0.
[2] Serial transmission continuation
procedeure:
To continue serial transmission, read
1 from the TDFE flag to confirm that
writing is possible, them write data to
SCFTDR, and then clear the TDFE
flag to 0.
Figure 15.16 Sample
Flowchart for
Transmitting/Receiving
Serial Data
719
Figure amended
Start of transmission and reception
Initialization
Read TDFE flag in SCFSR
TDFE = 1?
Read ORER flag in SCLSR
No
Yes
[1]
Write transmit data to SCFTDR,
read 1 from the TDFE and TEND
flags in SCFSR, and clear the TDFE
and TEND flags in SCFSR to 0
[1] SCIF status check and transmit data
write:
Read SCFSR and check that the
TDFE flag is set to 1, then write
transmit data to SCFTDR, read 1
from the TDFE and TEND flags, and
clear these flags to 0. The transition
of the TDFE flag from 0 to 1 can also
be identified by a TXI interrupt.
[2] Receive error handling:
Read the ORER flag in SCLSR to
identify any error, perform the
appropriate error handling, then clear
the ORER flag to 0. Reception cannot
be resumed while the ORER flag is
set to 1.
[3] SCIF status check and receive data
read:
15.6.7 FER and PER
Flags in the Serial Status
Register (SCFSR)
724
Newly added
16.3.1 I
2C Bus Control
Register 1 (ICCR1)
729
Table amended
Bit
6
RCVD
0
R/W
Reception Disable
Enables or disables continuous reception when TRS =
0 and ICDRR is not read. If ICDRR cannot be read by
the rising of 8th clock cycle of SCL in master receive
mode, reception in byte units should be performed by
setting the RCVD bit to 1.
0: Enables continuous reception
1: Disables continuous reception
Bit Name
R/W
Description
Initial
Value
Table 16.3 Transfer
Rate
731
Table replaced



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com