Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1178 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1178 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1174Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1175Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1176Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1177Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1178Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1179Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1180Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1181Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1178 / 1228 page
background image
Rev. 2.00 May. 08, 2008 Page 1154 of 1200
REJ09B0344-0200
Item
Page
Revision (See Manual for Details)
10.3.3 Timer I/O
Control Register (TIOR)
Table 10.28 TIORU_5,
TIORV_5, and TIORW_5
(Channel 5)
387
Table amended
Description
Bit 4
IOC4
Bit 3
IOC3
Bit 2
IOC2
Bit 1
IOC1
Bit 0
IOC0
TGRU_5,
TGRV_5, and
TGRW_5
Function
TIC5U, TIC5V, and TIC5W Pin Function
1
Measurement of low pulse width of external input signal
Capture at trough in complementary PWM mode
1
0
Measurement of low pulse width of external input signal
Capture at crest in complementary PWM mode
Measurement of high pulse width of external input signal
Capture at trough in complementary PWM mode
Measurement of high pulse width of external input signal
Capture at crest in complementary PWM mode
Measurement of high pulse width of external input signal
Capture at crest and trough in complementary PWM
mode
1
1
1
1
Measurement of low pulse width of external input signal
Capture at crest and trough in complementary PWM
mode
Setting prohibited
0
10
0
Input capture
register
10.3.20 Timer Output
Control Register 1
(TOCR1)
421
Notes amended
Notes: 1. This bit can be set to 1 only once after a power-on
reset. After 1 is written, 0 cannot be written to the
bit.
2. Setting the TOCL bit to 1 prevents accidental
modification when the CPU goes out of control.
3. Clearing the TOCS0 bit to 0 makes this bit setting
valid.
10.3.23 Timer Gate
Control Register (TGCR)
428
Note added
Bit
3
FB*
0
R/W
External Feedback Signal Enable
This bit selects whether the switching of the output of
the positive/reverse phase is carried out automatically
with the MTU2/channel 0 TGRA, TGRB, TGRC input
capture signals or by writing 0 or 1 to bits 2 to 0 in
TGCR.
0: Output switching is external input (Input sources are
channel 0 TGRA, TGRB, TGRC input capture signal)
1: Output switching is carried out by software (setting
values of UF, VF, and WF in TGCR).
Note: * If the BDC bit in the MTU2S is set to 1, the FB bit should not be cleared to 0.
Bit Name
R/W
Description
Initial
Value
10.4.8 Complementary
PWM Mode
Figure 10.41 Example
of Operation without
Dead Time
482
Figure replaced



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com