Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F72115D160FPV Datasheet(PDF) 1174 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 1174 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 1170Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1171Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1172Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1173Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1174Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1175Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1176Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1177Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 1178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1174 / 1228 page
background image
Rev. 2.00 May. 08, 2008 Page 1150 of 1200
REJ09B0344-0200
Item
Page
Revision (See Manual for Details)
5.3.1 Address Error
Sources
Table 5.6 Bus Cycles
and Address Errors
87
Table amended
Type
Bus Cycle Description
Address Errors
Bus
Master
Bus Cycle
Instruction
fetch
CPU
Data
read/write
CPU or
DMAC
Instruction fetched from even address
Instruction fetched from external memory
space in single-chip mode
Instruction fetched from on-chip peripheral
module space* or H'F0000000 to
H'F5FFFFFF in on-chip RAM space*
Instruction fetched from other than on-chip
peripheral module space* or H'F0000000 to
H'F5FFFFFF in on-chip RAM space*
Instruction fetched from odd address
None (normal)
Word data accessed from even address
None (normal)
Word data accessed from odd address
Address error occurs
Longword data accessed from a longword
boundary
None (normal)
Longword data accessed from other than a
long-word boundary
Address error occurs
Byte or word data accessed in on-chip
peripheral module space*
None (normal)
Longword data accessed in 16-bit on-chip
peripheral module space*
None (normal)
Longword data accessed in 8-bit on-chip
peripheral module space*
None (normal)
Instruction fetched from external memory
space in single-chip mode
Address error occurs
Address error occurs
Address error occurs
None (normal)
Address error occurs
5.3.2 Address Error
Exception Handling
88
Note added
When an address error occurs, the bus cycle in which the
address error occurred ends*. When the executing instruction
then finishes, address error exception handling starts. The
CPU operates as follows:
Note: * This is the case in which an address error was
caused by data read or write. When an address error
is caused by an instruction fetch, and if the bus cycle
in which the address error occurred does not end by
step 3 above, the CPU restarts the address error
exception handling until the bus cycle ends.
6.3.4 IRQ Interrupt
Request Register
(IRQRR)
110
Note added
Note: * Only 0 can be written to clear the flag after 1 is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com