| Electronic Components Datasheet Search |
|
H8/3026F Datasheet(PDF) 24 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3026F Datasheet(HTML) 24 Page - Renesas Technology Corp |
|
24 / 841 page ![]() Rev. 2.00 Sep 20, 2005 page xxiv of xxxviii Figure 4.3 Reset Sequence (Modes 2 and 4) ......................................................................... 76 Figure 4.4 Reset Sequence (Mode 6) .................................................................................... 77 Figure 4.5 Interrupt Sources and Number of Interrupts ........................................................ 78 Figure 4.6 Stack after Completion of Exception Handling ................................................... 79 Figure 4.7 Operation when SP Value is Odd ........................................................................ 81 Section 5 Interrupt Controller Figure 5.1 Interrupt Controller Block Diagram..................................................................... 84 Figure 5.2 Block Diagram of Interrupts IRQ0 to IRQ5.......................................................... 95 Figure 5.3 Timing of Setting of IRQnF................................................................................. 96 Figure 5.4 Process Up to Interrupt Acceptance when UE = 1............................................... 101 Figure 5.5 Interrupt Masking State Transitions (Example)................................................... 103 Figure 5.6 Process Up to Interrupt Acceptance when UE = 0............................................... 104 Figure 5.7 Interrupt Exception Handling Sequence .............................................................. 105 Figure 5.8 Contention between Interrupt and Interrupt-Disabling Instruction...................... 107 Section 6 Bus Controller Figure 6.1 Block Diagram of Bus Controller ........................................................................ 110 Figure 6.2 Access Area Map for Each Operating Mode ....................................................... 124 Figure 6.3 Memory Map in 16-Mbyte Mode (H8/3024F-ZTAT, H8/3024 Mask ROM Verion) (1).......................................... 125 Figure 6.3 Memory Map in 16-Mbyte Mode (H8/3026F-ZTAT, H8/3026 Mask ROM Verion) (2).......................................... 126 Figure 6.4 CSn Signal Output Timing (n = 0 to 7)................................................................ 129 Figure 6.5 Sample Address Output in Each Address Update Mode (Basic Bus Interface, 3-State Space).................................................................... 130 Figure 6.6 Access Sizes and Data Alignment Control (8-Bit Access Area) ......................... 131 Figure 6.7 Access Sizes and Data Alignment Control (16-Bit Access Area) ....................... 132 Figure 6.8 Bus Control Signal Timing for 8-Bit, Three-State-Access Area ......................... 134 Figure 6.9 Bus Control Signal Timing for 8-Bit, Two-State-Access Area ........................... 135 Figure 6.10 Bus Control Signal Timing for 16-Bit, Three-State-Access Area (1) (Byte Access to Even Address) ........................................................................... 136 Figure 6.11 Bus Control Signal Timing for 16-Bit, Three-State-Access Area (2) (Byte Access to Odd Address)............................................................................. 137 Figure 6.12 Bus Control Signal Timing for 16-Bit, Three-State-Access Area (3) (Word Access) ..................................................................................................... 138 Figure 6.13 Bus Control Signal Timing for 16-Bit, Two-State-Access Area (1) (Byte Access to Even Address) ........................................................................... 139 Figure 6.14 Bus Control Signal Timing for 16-Bit, Two-State-Access Area (2) (Byte Access to Odd Address)............................................................................. 140 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |