| Electronic Components Datasheet Search |
|
H8/3026F Datasheet(PDF) 27 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3026F Datasheet(HTML) 27 Page - Renesas Technology Corp |
|
27 / 841 page ![]() Rev. 2.00 Sep 20, 2005 page xxvii of xxxviii Figure 9.12 Timing of Clear by Input Capture........................................................................ 291 Figure 9.13 Timing of Input Capture Input Signal.................................................................. 292 Figure 9.14 CMF Flag Setting Timing when Compare Match Occurs ................................... 292 Figure 9.15 CMFB Flag Setting Timing when Input Capture Occurs .................................... 293 Figure 9.16 Timing of OVF Setting ........................................................................................ 293 Figure 9.17 Example of Pulse Output ..................................................................................... 299 Figure 9.18 Contention between 8TCNT Write and Clear...................................................... 300 Figure 9.19 Contention between 8TCNT Write and Increment .............................................. 301 Figure 9.20 Contention between TCOR Write and Compare Match ...................................... 302 Figure 9.21 Contention between TCOR Read and Input Capture........................................... 303 Figure 9.22 Contention between Counter Clearing by Input Capture and Counter Increment 304 Figure 9.23 Contention between TCOR Write and Input Capture .......................................... 305 Figure 9.24 Contention between 8TCNT Byte Write and Increment in 16-Bit Count Mode . 306 Section 10 Programmable Timing Pattern Controller (TPC) Figure 10.1 TPC Block Diagram ............................................................................................ 312 Figure 10.2 TPC Output Operation......................................................................................... 328 Figure 10.3 Timing of Transfer of Next Data Register Contents and Output (Example) ....... 329 Figure 10.4 Setup Procedure for Normal TPC Output (Example) .......................................... 330 Figure 10.5 Normal TPC Output Example (Five-Phase Pulse Output)................................... 331 Figure 10.6 Setup Procedure for Non-Overlapping TPC Output (Example) .......................... 332 Figure 10.7 Non-Overlapping TPC Output Example (Four-Phase Complementary Non-Overlapping Pulse Output) ........................... 333 Figure 10.8 TPC Output Triggering by Input Capture (Example) .......................................... 334 Figure 10.9 Non-Overlapping TPC Output............................................................................. 335 Figure 10.10 Non-Overlapping Operation and NDR Write Timing ......................................... 336 Section 11 Watchdog Timer Figure 11.1 WDT Block Diagram........................................................................................... 338 Figure 11.2 Format of Data Written to TCNT and TCSR....................................................... 344 Figure 11.3 Format of Data Written to RSTCSR.................................................................... 345 Figure 11.4 Operation in Watchdog Timer Mode ................................................................... 346 Figure 11.5 Interval Timer Operation ..................................................................................... 347 Figure 11.6 Timing of Setting of OVF.................................................................................... 347 Figure 11.7 Timing of Setting of WRST Bit and Internal Reset............................................. 348 Figure 11.8 Contention between TCNT Write and Count up ................................................. 349 Section 12 Serial Communication Interface Figure 12.1 SCI Block Diagram.............................................................................................. 353 Figure 12.2 Data Format in Asynchronous Communication (Example: 8-Bit Data with Parity and 2 Stop Bits).............................................. 383 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |