| Electronic Components Datasheet Search |
|
H8/3026F Datasheet(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3026F Datasheet(HTML) 32 Page - Renesas Technology Corp |
|
32 / 841 page ![]() Rev. 2.00 Sep 20, 2005 page xxxii of xxxviii Figure C.9 (b) Port 9 Block Diagram (Pin P91) ........................................................................ 770 Figure C.9 (c) Port 9 Block Diagram (Pin P92) ........................................................................ 771 Figure C.9 (d) Port 9 Block Diagram (Pin P93) ........................................................................ 772 Figure C.9 (e) Port 9 Block Diagram (Pin P94) ........................................................................ 773 Figure C.9 (f) Port 9 Block Diagram (Pin P95) ........................................................................ 774 Figure C.10 (a) Port A Block Diagram (Pins PA0 and PA1) ....................................................... 775 Figure C.10 (b) Port A Block Diagram (Pins PA2 and PA3) ....................................................... 776 Figure C.10 (c) Port A Block Diagram (Pins PA4 to PA7).......................................................... 777 Figure C.11 (a) Port B Block Diagram (Pins PB0 and PB2)........................................................ 778 Figure C.11 (b) Port B Block Diagram (Pins PB1 and PB3)........................................................ 779 Figure C.11 (c) Port B Block Diagram (Pin PB4) ....................................................................... 780 Figure C.11 (d) Port B Block Diagram (Pin PB5) ....................................................................... 781 Figure C.11 (e) Port B Block Diagram (Pin PB6) ....................................................................... 782 Figure C.11 (f) Port B Block Diagram (Pin PB7) ....................................................................... 783 Appendix D Pin States Figure D.1 Reset during Memory Access (Modes 1 and 2)................................................... 789 Figure D.2 Reset during Memory Access (Modes 3 and 4)................................................... 790 Figure D.3 Reset during Memory Access (Mode 5) .............................................................. 791 Figure D.4 Reset during Operation (Modes 6 and 7) ............................................................. 791 Appendix G Package Dimensions Figure G.1 Package Dimensions (FP-100B) .......................................................................... 794 Figure G.2 Package Dimensions (TFP-100B) ....................................................................... 795 Figure G.3 Package Dimensions (FP-100A).......................................................................... 796 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |