Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K06F4HP Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # M38K06F4HP
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K06F4HP Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button M38K06F4HP Datasheet HTML 65Page - Renesas Technology Corp M38K06F4HP Datasheet HTML 66Page - Renesas Technology Corp M38K06F4HP Datasheet HTML 67Page - Renesas Technology Corp M38K06F4HP Datasheet HTML 68Page - Renesas Technology Corp M38K06F4HP Datasheet HTML 69Page - Renesas Technology Corp M38K06F4HP Datasheet HTML 70Page - Renesas Technology Corp M38K06F4HP Datasheet HTML 71Page - Renesas Technology Corp M38K06F4HP Datasheet HTML 72Page - Renesas Technology Corp M38K06F4HP Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 52 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
EXTERNAL BUS INTERFACE (EXB)
The external bus interface (EXB) controls the data transfer be-
tween the external MCU and the 38K0 group’s CPU or its
qCPU channel
It is a data transfer course by the interrupt processing between the
external MCU and the 38K0 group’s CPU.
qMemory channel
It is a data transfer course by direct RAM access of the memory
channel controller between the external MCU and the 38K0
group’s memory (multichannel RAM)
CPU channel
[Interrupt type]
Memory channel
[Direct RAM access type]
38K0 group
USB bus
(USB host)
CPU
Program ROM
Peripheral functions
External bus interface
(EXB)
USB
Multichannel RAM
Fig. 73 External bus interface
Address
CS, RD, WR,
DMA acknowledge
Access cycle time from externals:
•3 clocks or more of
φ + Signal delay time + Data setup
time of external MCU in USB inactive
•5 clocks or more of
φ + Signal delay time + Data setup
time of external MCU in USB active
Fig. 74 Data transfer timing of memory channel
memory (multichannel RAM). The external bus interface is shown
below.
qData transfer of memory channel
When the burst mode is selected with the burst bit of the memory
channel operation mode register, data transfer can be carried out
at the highest speed. After the external bus interface detects a rise
of external read signal/write signal and synchronizes it with the in-
ternal clock
φ, it completes the data transfer between the transmit/
receive buffer and the multichannel RAM in two clocks.
However, the waiting time of two clocks at a maximum is gener-
ated to access the multichannel RAM in USB being operating
because the USB has priority to access.
Therefore, it is necessary to set up the access interval which fills
the following timing with the external MCU bus side.
In
φ = 8 MHz, data transfer at about 2 Mbytes/second is possible
at a maximum. When there is access simultaneously from the
USB, it is about 1.3 Mbytes/second.
In
φ = 6 MHz, data transfer at about 1.5 Mbytes/second is possible
at a maximum. When there is access simultaneously from the
USB, it is about 1 Mbytes/second.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com