Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K06F4HP Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # M38K06F4HP
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K06F4HP Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button M38K06F4HP Datasheet HTML 80Page - Renesas Technology Corp M38K06F4HP Datasheet HTML 81Page - Renesas Technology Corp M38K06F4HP Datasheet HTML 82Page - Renesas Technology Corp M38K06F4HP Datasheet HTML 83Page - Renesas Technology Corp M38K06F4HP Datasheet HTML 84Page - Renesas Technology Corp M38K06F4HP Datasheet HTML 85Page - Renesas Technology Corp M38K06F4HP Datasheet HTML 86Page - Renesas Technology Corp M38K06F4HP Datasheet HTML 87Page - Renesas Technology Corp M38K06F4HP Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 67 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
Dack =
“0”
Dack =
“0”
Dack =
“0”
#0
#1
#2
Mch_req
#0
#1
#2
012
3
5
req
req
req
010016
010116
010216
010316
ack
ack
ack
DMA acknowledge
ExDACK
mWR
detection
mWR
detection
DMA request
ExDREQ
➀
➀
➁
➁
➁’
➁’
➂➃
➄
➂➃
➄
Address ExA0
Chip select ExCS
Read ExRD
Write ExWR
Data DQ0 to DQ7
Internal clock
φ
Operation enabled
Main sequencer
Internal memory access
Acknowledgment of
internal memory access
Memory address
Counter end
Burst end
Memory channel operation
end interrupt
A0 = “x”
CS = “1”
A0 = “x”
CS = “1”
A0 = “x”
CS = “1”
<Initial setting>
External I/O configuration register
Set as necessary.
Memory channel operation mode register
MC_DIR[1:0] (Memory channel direction control) = 012 (Receive mode)
Burst (burst) = “1” (Burst mode)
Memory address counter
(Example) 010016
End address register
(Example) 010216
<Operation start command>
EXB interrupt source enable register
MC_ENB (Memory channel operation enable) = “1” (Operation start)
➀ In the memory channel receive mode when the command for enabling operation is written, assertion of the memory channel request which synchronized
with a rise of
φ is made.
➁ When a rise of ExWR is detected, an internal memory access sequence which synchronized with a rise of φ is activated and a data is written in the internal
memory within two clocks at a minimum.
➂ The memory address counter is increased simultaneously at the former data write completion.
➃ When the memory address counter reaches the end address, the detection circuit of external write signal (ExWR) operation is enabled and negation of the
memory channel request which synchronized with the following
φ is made.
➄ When the write operation to the end address has been completed, the memory address counter is increased and the memory channel operation end
interrupt is generated.
Receive buffer RXBUF
(4) Memory Channel Receiving Operation (2)-
Burst Mode
Memory channel receiving operation (2) is shown bellow.
Fig. 95 Memory channel receiving operation (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com