Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M38K06F4HP Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # M38K06F4HP
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38K06F4HP Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button M38K06F4HP Datasheet HTML 90Page - Renesas Technology Corp M38K06F4HP Datasheet HTML 91Page - Renesas Technology Corp M38K06F4HP Datasheet HTML 92Page - Renesas Technology Corp M38K06F4HP Datasheet HTML 93Page - Renesas Technology Corp M38K06F4HP Datasheet HTML 94Page - Renesas Technology Corp M38K06F4HP Datasheet HTML 95Page - Renesas Technology Corp M38K06F4HP Datasheet HTML 96Page - Renesas Technology Corp M38K06F4HP Datasheet HTML 97Page - Renesas Technology Corp M38K06F4HP Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 77 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
PLL CIRCUIT (FREQUENCY SYNTHESIZER)
The PLL circuit generates fVCO (PLL output clock), which is re-
quired for fUSB (USB clock) and fSYN (fUSB division clock), from
f(XIN) (external input reference clock). Figure 109 shows the PLL
circuit block diagram.
It is possible to input 6 or 12 MHz clock from the externals as a
standard clock input. When using the USB function, set the PLL
operation mode selection bit so that fvco may be set to 48 MHz.
The PLL circuit operates by setting the PLL operation enable bit to
“1”. When supplying fVCO to the USB block, wait for the oscillation
stable time (1ms or less) of PLL before selecting fVCO with the
USB clock selection bit.
According to the setting of the USB clock division ratio selection
bit, the division clock of fUSB is supplied to fSYN. When using this
clock as system clock, set the USB clock division ratio selection
bit so that it may be set to 6 MHz, 8 MHz or 12 MHz. (However,
using it only when fUSB is 48MHz is recommended).
Fig. 109 Block diagram of PLL circuit
PLL
fUSB
f(XIN)
fVCO
PLLCON
Division circuit
fSYN
(address 0FF816)
USBCON
(address 001016)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com