Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7268 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7268
Description  2 x 2W STEREO AUDIO AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7268 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7268 Datasheet HTML 1Page - STMicroelectronics TDA7268 Datasheet HTML 2Page - STMicroelectronics TDA7268 Datasheet HTML 3Page - STMicroelectronics TDA7268 Datasheet HTML 4Page - STMicroelectronics TDA7268 Datasheet HTML 5Page - STMicroelectronics TDA7268 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Operating Supply Voltage
18
V
IO
Output Peak Current
1.5
A
Top
Operating Temperature Range
0 to 70
°C
Tj
Junction Temperature
150
°C
Tstg
Storage Temperature Range
-40 to 125
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction to ambient (on PCB)
Max.
70
°C/W
Rth j-case
Thermal Resistance Junction to case
Max.
15
°C/W
VS1
OUT1
SVR
IN1
IN2
OUT2
S-GND
1
3
2
4
5
6
7
16
15
14
13
12
10
11
D94AU164A
VS2
8
PGND
9
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PIN CONNECTION
02468
10
12
ON BOARD HEAT-SINK AREA (sq.cm)
34
36
38
40
42
44
46
48
50
52
54
D98AU830
Rth with "on Board" Square Heat Sink vs. Copper
Area
Example of heatsink using PC board copper
TDA7268
2/5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com