Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7268 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7268
Description  2 x 2W STEREO AUDIO AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7268 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7268 Datasheet HTML 1Page - STMicroelectronics TDA7268 Datasheet HTML 2Page - STMicroelectronics TDA7268 Datasheet HTML 3Page - STMicroelectronics TDA7268 Datasheet HTML 4Page - STMicroelectronics TDA7268 Datasheet HTML 5Page - STMicroelectronics TDA7268 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APPLICATION HINTS:
For 12V supply and 8
Ω speaker application, its
maximum power dissipation is about 2W.
Assumming that max ambient temperature is
70
°C. Required thermal resistance of the device
and heat dissipating means must be equal to (150
- 70)/2 = 40
°C/W.
Junction to pin thermal resistance of the package
is about 15
°C/W.
That means external heat sink of about 25
°C/W is
required. Stand-By switches must be able to dis-
charge Csvr current.
IN1
VS1
OUT1
D94AU168D
IN2
SVR
S-GND
OUT2
P-GND
+
-
+
-
VS2
C4
100
µF
VS=12V
C5
470
µF
8
Ω
IN1
C6 470
µF
8
Ω
C2 0.1
µF
C3
47
µF
IN2
C1 0.1
µF
S1
STAND-BY
1
4
2
8
7
5
3
69
÷16
R1
10K
R2
10K
Note: Add R1 & R2 on demoboard only for DC tests.
Fig. 1: Standard Test and Application Circuit
Fig. 2: PCB And Components Layout Of The Application Circuit of Figure 1
TDA7268
4/5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com