Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7268 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7268
Description  2 x 2W STEREO AUDIO AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7268 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7268 Datasheet HTML 1Page - STMicroelectronics TDA7268 Datasheet HTML 2Page - STMicroelectronics TDA7268 Datasheet HTML 3Page - STMicroelectronics TDA7268 Datasheet HTML 4Page - STMicroelectronics TDA7268 Datasheet HTML 5Page - STMicroelectronics TDA7268 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS (Tamb = 25
°C; VS = 12V; RL = 8Ω; f = 1KHz; unless otherwise specified.)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VS
Supply Voltage Range
4.5
18
V
IS
Quiescent Current
40
60
mA
Isb
Stand-By Current
Pin 3 shorted to GND
0.15
0.3
mA
VO
Quiescent Output Voltage
5.5
6
6.5
V
AV
Voltage Gain
31
32
33
dB
∆AV
Voltage Gain Matching
1.0
dB
RIN
Input Impedance
50
100
K
Ω
PO
Output Power
THD = 10%
1.9
2
W
THD
Distortion
PO = 1W
0.1
0.4
%
SVR
Supply Voltage Rejection
Vrip. = 150mVrms; Frip. = 1KHz
RS = 10k
Ω
RS = 50
Ω
40
50
46
dB
dB
en
Total Input Noise Voltage
Rg = 10K
Ω; BW = 20Hz to
20KHz
48
µV
CT
Cross Talk
PO = 1W;
50
60
dB
Vsb
Stand-By Enable Voltage
ISB < 300
µA1
V
Asb
Stand-By Attenution
60
80
dB
PO
Output Power
THD = 10%; VS = 9V; RL = 4
Ω
1.8
W
TDA7268
3/5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com