Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7500 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7500
Description  DIGITAL AM/FM SIGNAL PROCESSOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7500 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7500 Datasheet HTML 1Page - STMicroelectronics TDA7500 Datasheet HTML 2Page - STMicroelectronics TDA7500 Datasheet HTML 3Page - STMicroelectronics TDA7500 Datasheet HTML 4Page - STMicroelectronics TDA7500 Datasheet HTML 5Page - STMicroelectronics TDA7500 Datasheet HTML 6Page - STMicroelectronics TDA7500 Datasheet HTML 7Page - STMicroelectronics TDA7500 Datasheet HTML 8Page - STMicroelectronics TDA7500 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
path detection and one for sound processing. An
I2C/SPI interface is implemented for control and
communication with the main micro.
A separate SPI is available to interface the dis-
play micro.
The DSP cores are integrated with their associ-
ated data and program memories. The peripher-
als and interfaces I
2C, SPI, Serial Audio Interface
(SAI), PLL Oscillator, External Memory Interface,
(EMI), General Purpose I/O register (Port A) and
the D/A registers are connected to and controlled
by DSP0, whereas the A/D registers, the SPDIF
and the General Purpose I/O register (Port B) are
connected to and controlled by DSP1. The Debug
and Test Interface are connected to both DSP
cores.
The TDA7500 is supposed to be used in kit with
the TDA7501 or any other device of the same
family. Thanks to the serial audio interface also
digital sources can be processed and a direct
output to a digital bus is also available.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
TESTEN
TESTSE
NRESET
SCKM
MOSIM
MISOM
SSM
SCKD
MOSID
MISOD
SSD
AVDD
XTI
XTO
CLKIN
AGND
RDSINT
RDSARI_SCLK
RDSDAT_SI
RDSQAL_SO
RDSCLK_SS
INT
SRCCD
SRCMD
GND1
DBCK0OS01
DBIN0OS00
DBOUT0
DBRQN1
DBCK1_OS11
DBIN1_OS10
DBOUT1
LRCKR
SCKR
LRCKT
SCKT
SDI0
SDI1 / SRA<21>
SDI2 / SRA<20>
SDO0 / SRA<19>
SDO1 / SRA<18>
SDO2 / SRA<17>
CASALE
DRD
DWR
SRA<15>
SRA<14>
SRA<13>
CVDD2
SRA<16>
DSP0 GPIO0
DSP0 GPIO2
DSP0 GPIO1
DSP0 GPIO3
DSP0 GPIO4
DSP0 GPIO6
DSP0 GPIO5
DSP0 GPIO7
DSP1 GPIO4
DSP1 GPIO3
DSP1 GPIO1
DSP1 GPIO2
DSP1 GPIO0
DSP0 GPIO9
DSP0 GPIO11
DSP0 GPIO10
DSP0 GPIO8
DSP1 GPIO5
DSP1 GPIO6
DSP1 GPIO7
DSP1 GPIO8
DSP1 GPIO9
DSP1 GPIO11
DSP1 GPIO10
SRCCDC
CODEC
Test
IIC/SPI master
SPI display
PLL oscillator
RDS
SPDIF + Sample Rate Converter
EMI
SAI
Debug DSP1
Debug DSP0
Control Inputs
PIN CONNECTION
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDD
VCC
Power supplies
Digital
Analog
4.6
4.6
V
V
Analog Input Voltage
-0.5 to (VDD+0.5)
V
Digital Input Voltage
-0.5 to (VCC+0.5)
V
Tamb
Operating Temperature Range
-40 to 85
°C
Tstg
Storage Temperature
-55 to 150
°C
Warning: Operation at or beyond these limit may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
TDA7500
2/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com