Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7500 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7500
Description  DIGITAL AM/FM SIGNAL PROCESSOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7500 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7500 Datasheet HTML 1Page - STMicroelectronics TDA7500 Datasheet HTML 2Page - STMicroelectronics TDA7500 Datasheet HTML 3Page - STMicroelectronics TDA7500 Datasheet HTML 4Page - STMicroelectronics TDA7500 Datasheet HTML 5Page - STMicroelectronics TDA7500 Datasheet HTML 6Page - STMicroelectronics TDA7500 Datasheet HTML 7Page - STMicroelectronics TDA7500 Datasheet HTML 8Page - STMicroelectronics TDA7500 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
N°
NAME
TYPE
DESCRIPTION
20
RDSARI_SCK/DSP1_GPIO3
O
SPI Bit Clock (Input)/ARI indicator (Output)/General Purpose I/O
(Input/Output). Schmitt trigger input. If SPI interface is enabled,
behaves as SPI bit clock. Optionally it provides the ARI indication
bit. Optionally it can be used as general purpose I/O controlled by
DSP1.
21
RDSQAL_SO/DSP1_GPIO2
O
SPI Slave Output Serial Data (Output)/RDS Bit Quality
(Output)/General Purpose I/O (Input/Output). If SPI is enabled,
behaves as Serial Data Output. Optionally it provides the RDS
serial data quality information. Optionally it can be used as general
purpose I/O controlled by DSP1.
22
RDSDAT_SI/DSP1_GPIO1
I
SPI Slave Input Serial Data (Input)/RDS Bit Data (Output)/General
Purpose I/O (Input/Output). If SPI is enabled, behaves as Serial
Data Input. Optionally it provides the RDS serial data stream.
Optionally it can be used as general purpose I/O controlled by
DSP1.
23
RDSCLK_SS/DSP1_GPIO0
I
SPI Chip Select (Input)/RDS Bit Clock (Output)/General Purpose
I/O (Input/Output). If SPI is enabled, behaves as Chip Select line
for SPI bus. Optionally it provides the 1187.5Hz RDS Bit Clock.
Optionally it can be used as general purpose I/O controlled by
DSP1.
24
INT
I
External interrupt line (Input). When this line is asserted low, the
DSP may be interrupted.
25
CGND1
Ground pin dedicated to the digital core part.
26
CVDD1
Supply pin dedicated to the digital core part.
27
SCRCCD
I
SPDIF Input 1 (Input). Stereo SPDIF input to connect a digital
audio source like a CD.
28
SCRCMD
I
SPDIF Input 2 (Input). Stereo SPDIF input to connect a digital
audio source like a MD.
29
DSRA<7>
I/O
DSP SRAM Data Lines<7> (Input/Output). When in SRAM Mode
this pin act as the EMI data line 7.
30
DSRA<6>
I/O
DSP SRAM Data Lines<6> (Input/Output). When in SRAM Mode
this pin act as the EMI data line 6.
31
DSRA<5>
I/O
DSP SRAM Data Lines<5> (Input/Output). When in SRAM Mode
this pin act as the EMI data line 5.
32
DSRA<4>
I/O
DSP SRAM Data Lines<4> (Input/Output). When in SRAM Mode
this pin act as the EMI data line 4.
33
DSRA<3>
I/O
DSP SRAM Data Line<3> (Input/Output)/DSP DRAM Data
Line<3> (Input/Output). This pin act as the EMI data line 3 in both
SRAM Mode and DRAM Mode.
34
DSRA<2>
I/O
DSP SRAM Data Line<2> (Input/Output)/DSP DRAM Data
Line<2> (Input/Output). This pin act as the EMI data line 2 in both
SRAM Mode and DRAM Mode.
35
DSRA<1>
I/O
DSP SRAM Data Line<1> (Input/Output)/DSP DRAM Data
Line<1> (Input/Output). This pin act as the EMI data line 1 in both
SRAM Mode and DRAM Mode.
36
DSRA<0>
I/O
DSP SRAM Data Line<0> (Input/Output)/DSP DRAM Data
Line<0> (Input/Output). This pin act as the EMI data line 0 in both
SRAM Mode and DRAM Mode.
37
SRA<0>
O
DSP SRAM Address Line<0> (Output)/DSP DRAM Address
Line<0> (Output). This pin act as the EMI address line 0 in both
SRAM Mode and DRAM Mode.
38
SRA<1>
O
DSP SRAM Address Line<1> (Output)/DSP DRAM Address
Line<1> (Output). This pin act as the EMI address line 1 in both
SRAM Mode and DRAM Mode.
PIN DESCRIPTION (continued)
TDA7500
4/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com