Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7500 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7500
Description  DIGITAL AM/FM SIGNAL PROCESSOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7500 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7500 Datasheet HTML 1Page - STMicroelectronics TDA7500 Datasheet HTML 2Page - STMicroelectronics TDA7500 Datasheet HTML 3Page - STMicroelectronics TDA7500 Datasheet HTML 4Page - STMicroelectronics TDA7500 Datasheet HTML 5Page - STMicroelectronics TDA7500 Datasheet HTML 6Page - STMicroelectronics TDA7500 Datasheet HTML 7Page - STMicroelectronics TDA7500 Datasheet HTML 8Page - STMicroelectronics TDA7500 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PIN DESCRIPTION
N°
NAME
TYPE
DESCRIPTION
1
GND1
Ground pin dedicated to the digital periphery.
2
VDD1
Supply pin dedicated to the digital periphery.
3
TESTEN
I
Test Enable (Input). When active, puts the chip into test mode and
muxes the XTI clock to all flip-flops. When TEST_SE is also
active, the scan chain shifting is enabled.
4
TESTSE
I
SCAN Enable (Input). When active with TESTEN also active,
controls the shifting of the internal scan chains. When active with
TESTEN not active, sets all tri-state outputs into hi-impedance
mode
5
NRESET
I
System Reset (Input). A low level applied to NRESET input
initializes the IC.
6
SCKM/DSP0_GPIO0
I/O
I
2C Serial Clock Line (Input/Output)/SPI Bit Clock (Input)/General
Purpose I/O (Input/Output). Clock line for I
2C bus. Schmitt trigger
input. If SPI interface is enabled, behaves as SPI bit clock.
Optionally it can be used as general purpose I/O controlled by
DSP0.
7
MISOM/DSP0_GPIO1
I/O
I
2C Serial Data Line (Input/Output)/SPI Master Input Slave Output
Serial Data (Input/Output)/General Purpose I/O (Input/Output).
Data line for I
2C bus. Schmitt trigger input. If SPI is enabled,
behaves as Serial Data Input when in SPI Master Mode and Serial
Data Output when in SPI Slave Mode. Optionally it can be used as
general purpose I/O controlled by DSP0.
8
MOSIM/DSP0_GPIO2
I/O
SPI Master Output Slave Input Serial Data (Input/Output)/General
Purpose I/O (Input/Output). Serial Data Output when in SPI
Master Mode and Serial Data Input when in SPI Slave Mode.
Optionally it can be used as general purpose I/O controlled by
DSP0.
9
SSM/DSP0_GPIO3
I
SPI Slave Select (Input)/General Purpose I/O (Input/Output). If SPI
is enabled, behaves as Slave Select line for SPI bus. Optionally it
can be used as general purpose I/O controlled by DSP0.
10
SCKD/DSP0_GPIO4
I
SPI Bit Clock (Input)/General Purpose I/O (Input/Output). SPI bit
clock. Schmitt trigger input. Optionally it can be used as general
purpose I/O controlled by DSP0.
11
MISOD/DSP0_GPIO5
I/O
SPI Master Input Slave Output Serial Data (Input/Output)/General
Purpose I/O (Input/Output). Schmitt trigger input. Behaves as
Serial Data Input when in SPI Master Mode and Serial Data
Output when in SPI Slave Mode. Optionally it can be used as
general purpose I/O controlled by DSP0.
12
MISOD/DSP0_GPIO6
I/O
SPI Master Output Slave Input Serial Data (Input/Output)/General
Purpose I/O (Input/Output). Serial Data Output when in SPI
Master Mode and Serial Data Input when in SPI Slave Mode.
Optionally it can be used as general purpose I/O controlled by
DSP0.
13
SSD/DSP0_GPIO7
I
SPI Slave Select (Input)/General Purpose I/O (Input/Output).
Behaves as Slave Select line for SPI bus. Optionally it can be
used as general purpose I/O controlled by DSP0.
14
CLKIN
I
Clock Input pin (Input). Clock from external digital audio source to
synchronize the internal PLL.
15
AVDD
audio source to synchronize the internal PLL.
16
XTI
I
Crystal Oscillator Input (Input). External Clock Input or crystal
Oscillator input.
17
XTO
O
Crystal Oscillator Output (Output). Crystal Oscillator output drive.
18
AGND
Ground pin dedicated to the PLL
19
RDSINT/DSP1_GPIO4
O
RDS bit/block interrupt (Output)/General Purpose I/O
(Input/Output). Provides an interrupt to the main micro. Optionally
it can be used as general purpose I/O controlled by DSP1.
TDA7500
3/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com