Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9105 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA9105
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9105 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA9105 Datasheet HTML 11Page - STMicroelectronics TDA9105 Datasheet HTML 12Page - STMicroelectronics TDA9105 Datasheet HTML 13Page - STMicroelectronics TDA9105 Datasheet HTML 14Page - STMicroelectronics TDA9105 Datasheet HTML 15Page - STMicroelectronics TDA9105 Datasheet HTML 16Page - STMicroelectronics TDA9105 Datasheet HTML 17Page - STMicroelectronics TDA9105 Datasheet HTML 18Page - STMicroelectronics TDA9105 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
OPERATING DESCRIPTION (continued)
LOCKDET
2
H-LOCKOUT
13
H-LOCKCAP
COMP1
INPUT
INTERFACE
17
H-SYNC
High
CHARGE
PUMP
Low
PLL
INHIBITION
VCO
14
PLL1INHIB
12
11
10
PLL1F
R0
C0
PHASE
ADJUST
E2
15
H-POS
3.2V
OSC
Figure 8 : Principle Diagram
The dynamic behaviour of the PLL is fixed by an
external filter which integrates the current of the
charge pump. A ”CRC” filter is generally used (see
Figure 9).
PLL1 is inhibited by applying a high level on Pin 14
(PLLinhib) which is a TTL compatible input. The inhibi-
tion results from the opening of a switch located be-
tween the charge pump and the filter (see Figure 8).
The VCO uses an external RC network. It delivers
a linear sawtooth obtained by charge and dis-
charge of the capacitor, by a current proportionnal
to the current in the resistor. typical thresholds of
sawtooth are 1.6V and 6.4V (see Figure 10).
The control voltage of the VCO is typically com-
prised between 1.6V and 6V (see Figure 10). The
theoreticalfrequencyrange of this VCO is in the ratio
1
→ 3.75, but due to spread and thermal drift of
external components and the circuit itself, the effec-
12
PLL1F
Figure 9
tive frequency range has to be smaller (e.g. 30kHz
→ 85kHz). In the absence of synchronisationsignal
the control voltage is equal to 1.6V typ. and the VCO
oscillates on its lowest frequency (free frequency).
The synchro frequencyhas to be always higher than
the free frequency and a margin has to be taken. As
an example for a synchro range from 30kHz to
85kHz, the suggested free frequency is 27kHz.
11
12
Loop
Filter
R0
1.6V
6.4V
10
C0
6.4V
1.6V
0
0.75T T
RS
FLIP FLOP
(1.6V < V
< 6V)
12
I0
I0
2
4I0
2
Figure 10 : Details of VCO
TDA9105
15/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com