Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9105 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA9105
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9105 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA9105 Datasheet HTML 16Page - STMicroelectronics TDA9105 Datasheet HTML 17Page - STMicroelectronics TDA9105 Datasheet HTML 18Page - STMicroelectronics TDA9105 Datasheet HTML 19Page - STMicroelectronics TDA9105 Datasheet HTML 20Page - STMicroelectronics TDA9105 Datasheet HTML 21Page - STMicroelectronics TDA9105 Datasheet HTML 22Page - STMicroelectronics TDA9105 Datasheet HTML 23Page - STMicroelectronics TDA9105 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
OPERATING DESCRIPTION (continued)
Geometric Corrections (continued)
SIDE PIN BAL. OUT
EW OUT
VERT. DYN. FOCUS OUT
VDCIN
KEYSTONE
EW AMP
VDCIN
KEY BALANCE
SIDEPIN AMP
2
VDCIN
ANALOG MULTIPLIER
VERTICAL RAMP
Figure 20 : Geometric Corrections Principle
For E/Wpart and Dynamic Horizontal phase control
part, a sawtooth shaped differential current in the
following form is generated:
∆I’ = k’ (VRAMP -VDCIN).
Then
∆Iand ∆I’ are added together and converted
into voltage.
These two parabola are respectively available on
Pin 37 and Pin 40 by the way of an emitter follower
which has to be biased by an external resistor
(10k
Ω). They can be DC coupled with external
circuitry.
EW
VOUT = 2.5V + K1’(VRAMP -VDCIN)
+K1 (VRAMP -VDCIN)
2
K1 is adjustable by EW amp control (Pin 39)
K1’ is adjustable by KEYST control (Pin 38)
Dyn. Hor.
Phase Control
VOUT =4V+ K2’(VRAMP -VDCIN)
+K2 (VRAMP -VDCIN)
2
K2 is adjustable by SPB amp control (Pin 42)
K2’ is adjustable by KEYBAL control (Pin 41)
For vertical dynamic focus part, only a constant
amplitude parabola is generated in the form :
VOUT = 6V - 0.75 x (VAMP -VDCIN)
2.
The output connection is the same as the two other
corrections (Pins 37-40).
It is important to note that the parasitic parabola
during the discharge of the vertical oscillator ca-
pacitor is suppressed.
TDA9105
20/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com