Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9105 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA9105
Description  DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9105 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA9105 Datasheet HTML 12Page - STMicroelectronics TDA9105 Datasheet HTML 13Page - STMicroelectronics TDA9105 Datasheet HTML 14Page - STMicroelectronics TDA9105 Datasheet HTML 15Page - STMicroelectronics TDA9105 Datasheet HTML 16Page - STMicroelectronics TDA9105 Datasheet HTML 17Page - STMicroelectronics TDA9105 Datasheet HTML 18Page - STMicroelectronics TDA9105 Datasheet HTML 19Page - STMicroelectronics TDA9105 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
OPERATING DESCRIPTION (continued)
The PLL1 ensures the coincidence between the
leading edge of the synchro signal and a phase
reference obtained by comparison between the
sawtooth of the VCO and an internal DC voltage
adjustable between 2.4V and 4V (by Pin 15). So a
±45°phase adjustment is possible (see Figure 11).
20k
Ω
220nF
13
From
Phase
Comparator
NOR1
A
6.5V
B
H-Lock CAP
2
HLOCKOUT
Figure 12 : LOCK/UNLOCK Block Diagram
H Osc
Sawtooth
Phase REF1
H Synchro
1.6V
Vb
6.4V
2.4V<Vb<4V
0.75T
0.25T
Phase REF1 is obtained by comparison between the sawtooth and
a DC voltage adjustable between 2.4V and 4V. The PLL1 ensures
the exact
coincidence between the signals phase REF and
HSYNS . A
± T/8 phase adjustment is possible.
Figure 11 : PLL1 Timing Diagram
The two VCO threshold can be filtered by connect-
ing capacitor on Pins 8-9.
The TDA9103 also includes a LOCK/UNLOCK
identification block which senses in real-time
whether the PLL is locked on the incoming horizon-
tal sync signal or not. The resulting information is
available on HLOCKOUT output (Pin 2). The block
diagram of the LOCK/UNLOCK function is de-
scribed in Figure 12.
The NOR1 gate is receiving the phase comparator
output pulses (which also drive the charge pump).
When the PLL is locked, on point A there is a very
small negative pulse (100ns) at each horizontal
cycle, so after R-C filter, there is a high level on
Pin 13 which force HLOCKOUT to high level (pro-
vided that HLOCKOUT is pulled up to VCC).
When the PLL is unlocked, the 100ns negative
pulse on A becomes much larger and consequently
the average level on Pin 13 will decrease. When it
reaches 6.5V, point B goes to low level forcing
HLOCKOUT output to ”0”.
The status of Pin 13 is approximately the following :
- Near 0V when there is no H-SYNC,
- Between 0 and 4V with H-SYNC frequency differ-
ent from VCO,
- Between 4 and 8V when H-SYNC frequency
= VCO frequency but not in phase,
- Near to 8V when PLL is locked.
It is important to notice that Pin 13 is not an output
pin and must only be used for filtering purpose (see
Figure 12).
TDA9105
16/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com