Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9109A Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA9109A
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA9109A Datasheet HTML 8Page - STMicroelectronics TDA9109A Datasheet HTML 9Page - STMicroelectronics TDA9109A Datasheet HTML 10Page - STMicroelectronics TDA9109A Datasheet HTML 11Page - STMicroelectronics TDA9109A Datasheet HTML 12Page - STMicroelectronics TDA9109A Datasheet HTML 13Page - STMicroelectronics TDA9109A Datasheet HTML 14Page - STMicroelectronics TDA9109A Datasheet HTML 15Page - STMicroelectronics TDA9109A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
TDA9109A
12/47
Note: 3
This delay is mandatory to avoid a wrong detection of polarity change in the case of a composite sync.
Note: 4
See Figure 10 for explanation of reference phase.
Note: 5
These parameters are not tested on each unit. They are measured during our internal qualification.
Note: 6
A larger range may be obtained by application.
Note: 7
Hjit = 106 x (Standard deviation/Horizontal period)
Note: 8
Duty Cycle is the ratio between the output transistor OFF time and the period. The power transistor is
controlled OFF when the output transistor is OFF.
Note: 9
Initial Condition for Safe Operation Start Up.
2nd PLL SECTION AND HORIZONTAL OUTPUT SECTION
FBth
Flyback Input Threshold Voltage (Pin
12)
0.65
0.75
V
Hjit
Horizontal Jitter (See 7)
At 31.4kHz
70
ppm
HDmin
HDmax
Horizontal Drive Output Duty-Cycle
(Pin 26) (see 8)
Sub-Address 00
Byte x1111111
Byte x0000000 (see 9)
30
65
%
%
XRAYth
X-RAY Protection Input Threshold
Voltage,
Pin 25, see Figure 14
7.6
8.2
8.8
V
Vphi2
Internal Clamping Levels on 2nd PLL
Loop Filter (Pin 4)
Low Level
High Level
1.6
4.2
V
V
VSCinh
Threshold Voltage to Stop H-Out, V-
Out, B-Out and Reset XRAY when VCC
< VSCinh (see Figure14)
Pin 29
7.5
V
HDvd
Horizontal Drive Output (low level)
Pin 26, IOUT = 30mA
0.4
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com