Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9109A Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA9109A
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109A Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA9109A Datasheet HTML 13Page - STMicroelectronics TDA9109A Datasheet HTML 14Page - STMicroelectronics TDA9109A Datasheet HTML 15Page - STMicroelectronics TDA9109A Datasheet HTML 16Page - STMicroelectronics TDA9109A Datasheet HTML 17Page - STMicroelectronics TDA9109A Datasheet HTML 18Page - STMicroelectronics TDA9109A Datasheet HTML 19Page - STMicroelectronics TDA9109A Datasheet HTML 20Page - STMicroelectronics TDA9109A Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
TDA9109A
17/47
Note: 17 With Register 07 at Byte 0xxxxxxx (S correction is inhibited) and Register 08 at Byte 0xxxxxxx (C correction
is inhibited), the vertical sawtooth has a linear shape.
Note: 18 TH is the horizontal period.
Note: 19 When not used, the DC breathing control pin must be connected to 12V.
INTERNAL DYNAMIC HORIZONTAL PHASE CONTROL
SPBpara
Side Pin Balance Parabola Amplitude
(Figure 3) with:
- Max. VAMP,
-Typ. VPOS
- Parallelogram inhibited (see 17 & 19)
Subaddress 0D
Byte 11111111
Byte 10000000
+2.8
-2.8
%TH
%TH
SPBtrack
Side Pin Balance Parabola Amplitude
function of VAMP Control (tracking be-
tween VAMP and SPB) with
- Max. SPB,
-Typ. VPOS
- Parallelogram inhibited (see 17 & 19)
Subaddress 05
Byte 10000000
Byte 11000000
Byte 11111111
1
1.8
2.8
%TH
%TH
%TH
ParAdj
Parallelogram Adjustment Capability
with:
- Max. VAMP,
-Typ. VPOS
- Max. SPB (see 17 & 19)
Subaddress 0E
Byte 11111111
Byte 11000000
+2.8
-2.8
%TH
%TH
Partrack
Intrinsic Parallelogram Function of
VPOS Control (tracking between
VPOS and DHPC) with:
- Max. VAMP,
- Max. SPB
- Parallelogram inhibited (see 17 & 19)
A/B Ratio
B/A Ratio
Subaddress 06
Byte x0000000
Byte x1111111
0.52
0.52
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com