Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9109A Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA9109A
Description  LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9109A Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA9109A Datasheet HTML 12Page - STMicroelectronics TDA9109A Datasheet HTML 13Page - STMicroelectronics TDA9109A Datasheet HTML 14Page - STMicroelectronics TDA9109A Datasheet HTML 15Page - STMicroelectronics TDA9109A Datasheet HTML 16Page - STMicroelectronics TDA9109A Datasheet HTML 17Page - STMicroelectronics TDA9109A Datasheet HTML 18Page - STMicroelectronics TDA9109A Datasheet HTML 19Page - STMicroelectronics TDA9109A Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
TDA9109A
16/47
GEOMETRY CONTROL SECTION
Electrical Characteristics (VCC = 12V, Tamb =25°C)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
East/West E/W FUNCTION
EWDC
DC Output Voltage with:
- typical VPOS
- Keystone inhibited
Pin 24, see Figure 2
2.5
V
TDEWDC
DC Output Voltage Thermal Drift
See 15
100
ppm/
C
EWpara
Parabola Amplitude with:
- Max. VAMP,
- Typ. VPOS,
- Keystone and Corner inhibited
Subaddress 0A
Byte 11111111
Byte 11000000
Byte 10000000
2.5
1.25
0
VPP
VPP
VPP
EWtrack
Parabola Amplitude Function of VAMP
Control (tracking between VAMP and
E/W) with:
- Typ. VPOS,
- Typ. E/W Amplitude,
- Corner and Keystone inhibited (17)
Subaddress 05
Byte 10000000
Byte 11000000
Byte 11111111
0.45
0.80
1.45
VPP
VPP
VPP
KeyAdj
Keystone Adjustment Capability with: -
- Typ. VPOS,
- E/W inhibited,
- Corner inhibited and
- Max. Vertical Amplitude
(see 17 and Figure 4)
Subaddress 09
Byte 10000000
Byte 11111111
1
1
VPP
VPP
EW
Corner
Corner Adjustment Capability with:
- Typ. VPOS,
- E/W inhibited,
- Keystone inhibited
- Max. Vertical Amplitude
Subaddress 10
Byte 11111111
Byte 11000000
Byte 10000000
+3
0
−3
VPP
VPP
VPP
KeyTrack
Intrinsic Keystone Function of VPOS
Control (tracking between VPOS and
E/W) with:
- Max. E/W Amplitude
- Max. Vertical Amplitude
A/B Ratio
B/A Ratio
Subaddress 06
Byte 00000000
Byte 01111111
0.52
0.52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com