Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9206 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA9206
Description  I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9206 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA9206 Datasheet HTML 1Page - STMicroelectronics TDA9206 Datasheet HTML 2Page - STMicroelectronics TDA9206 Datasheet HTML 3Page - STMicroelectronics TDA9206 Datasheet HTML 4Page - STMicroelectronics TDA9206 Datasheet HTML 5Page - STMicroelectronics TDA9206 Datasheet HTML 6Page - STMicroelectronics TDA9206 Datasheet HTML 7Page - STMicroelectronics TDA9206 Datasheet HTML 8Page - STMicroelectronics TDA9206 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
BLK
HSYNC
BPCP
Internal pulse width is controlled by I2C
Figure 1
HSYNC
BPCP
Internal pulse width is controlled by I2C
Figure 2
FUNCTIONAL DESCRIPTION
Input Stage
The R, G and B signals must be fed to the three
inputs through coupling capacitors (100nF).
The maximum input peak-to-peak video amplitude
is 1V.
The input stage includes a clamping function. This
clamp is using the input serial capacitor as ”mem-
ory capacitor” and is gated by an internally gener-
ated ”Back-Porch-Clamping-Pulse (BPCP)”.
The synchronization edge of the BPCP is selected
according bit 0 of register R8.
When B0R8 is set to 1, the BPCP is synchronized
on the leading edge of the blanking pulse BLK
inputs on Pin 14 (see Figure 1).
When B0R8 is clear to 0, the BPCP is synchronized
on the second edge of the horizontal pulse HSYNC
inputs on Pin 24. An automatic function allows to
use positive or negative horizontal pulse on Pin 24
(see Figure 2).
In both case BPCP width is adjustable by I
2C, B1
and B2 of register R8 (see R8 Table P8).
Contrast Adjustment (8 bits)
The contrast adjustment is made by controlling
simultaneously the gain of three internal variable
gain amplifiers through the I
2C bus interface.
The contrast adjustment allows to cover a typical
range of 48dB.
Brightness Adjustment (8 bits)
As for the contrast adjustment, the brightness is
controlled by I
2C.
The brightness function consists to add the same
DC offset to the three R, G, B signals after contrast
amplification.
This DC-Offset is present only outside the blanking
pulse (see Figure 3).
The DC output level during the blanking pulse, is
forced to ”INFRA-BLACK” level (VDC).
Drive Adjustment (3 x 8 bits)
In order to adjust the white balance , the TDA9206
offers the possibility to adjust separately the overall
gain of each complete video channel.
The gain of each channel is controlled by I
2C (8bits
each).
The very large drive adjustment range (48dB) allows
different standard or custom color temperature.
It can also be used to adjust the output voltages at
the optimum amplitude to drive the C.R.T drivers,
keeping the whole contrast control for end-user only.
The drive adjustment is located after the CON-
TRAST, BRIGHTNESS and OSD switch blocks, so
that the white balance will remains correct when
BRT is adjusted, and will also be correct on OSD
portion of the signal.
OSD Inputs
The TDA9206 includes all the circuitry necessary
to mix OSD signals into the RGB main-picture. Four
pins are dedicated to this function as follow.
Three TTL RGB On Screen Display inputs
(Pin 2, 5 and 8). These three inputs are connected
to the three outputs of the corresponding ON-
SCREEN-DISPLAY processor (ex : STV942x).
One Fast Blanking Input (FBLK, Pin 13) which is
also connected to the FBLK output of the same
ON-SCREEN-DISPLAY processor.
When a high level is present on FBLK, the IC will
acts as follow :
- The three main picture RGB input signals are
internally switched to the internal input clamp
reference voltage.
- The
three output signals are set to voltages
corresponding to the state (0 or 1) on the three
OSD inputs (see Figure 3).
Example :
If FBLK = 1 and OSD1, OSD2, OSD3) = 1, 0, 1
respectively.
Then OUT1, OUT2, OUT3 will be equal to VOSD,
VBRT,VOSD,
where : VBRT =VBLACK +BRT
VOSD =VBRT + OSD
BRT is the brightness DC level I
2C adjustable.
OSD is the On-Screen Display signal value I
2C
adjustable from 0V to 4.68VPP by step of 0.312V.
Semi-transparent function is controlled thanks to
Bit 6 of R8 register (see Table 1).
When semi-transparent mode is activated, video
signal is divided by 2 (CONT).
TDA9206
3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com