Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9206 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA9206
Description  I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9206 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA9206 Datasheet HTML 1Page - STMicroelectronics TDA9206 Datasheet HTML 2Page - STMicroelectronics TDA9206 Datasheet HTML 3Page - STMicroelectronics TDA9206 Datasheet HTML 4Page - STMicroelectronics TDA9206 Datasheet HTML 5Page - STMicroelectronics TDA9206 Datasheet HTML 6Page - STMicroelectronics TDA9206 Datasheet HTML 7Page - STMicroelectronics TDA9206 Datasheet HTML 8Page - STMicroelectronics TDA9206 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
FUNCTIONAL DESCRIPTION (continued)
Table 1
FBLK OSD1 OSD2 OSD3 B6R8
Output
Signal (OUTn)
0
x
x
x
0
Video
1
x
x
x
0
OSD (1)
0
x
x
x
1
Video
10x
x
1
OSD
1
x
1
x
1
OSD
1
x
x
0
1
OSD
1
1
0
1
1
Semi-trans-
parent (2)
Notes : 1. All OSD colors are displayed.
2. One OSD color is displayed as semi-transparent video
without effect on brightness and DC level adjustment.
Output Stage
The three output stages incorporate three functions
which are :
- The blanking stage : When high level is applied
to the BLK input (Pin 14), the three outputs are
switched to a voltage which is 400mV lower than
the BLACK level. The black level is the output
voltage with minimum brightness when input
signal video amplitude is equal to ”0”.
- The output stage itself : It is a large bandwidth
output amplifier which allow to deliver up to 5VPP
on the three outputs (for 0.7V video signal on the
inputs). The typical bandwidth is 100MHz at -3dB
measured with 4VPP output signal on 12pF load.
- The output CLAMP : The IC also incorporates
three internal output clamp (sample and hold
system) which allow to DC shift the three output
signals. The DC output voltage is adjustable
through I
2C with 4 bits. Practicaly, the DC output
level allow to adjust the BLK level
(VDC = 400mV under VBLACK) from 0.9V to 2.9V
with 12 x 165mV.
The overall waveforms of the output signal ac-
cording to the different adjustment are shown in
Figures 3 and 4.
Serial Interface
The 2-wires serial interface is an I
2C interface.
The slave address of the TDA9206 is DC (in hexa-
decimal).
A6
A5
A4
A3
A2
A1
A0
W
110
111
00
Data Transfer
The host MCU can write data into the TDA9206
registers. Read mode is not available.
To write data into the TDA9206, after a start, the
MCU must send (see Figure 5) :
- The I
2C address slave byte with a low level for the
R/W bit.
- The byte of the internal register address where
the MCU wants to write data(s).
- The data.
All bytes are sent MSB bit first and the write data
transter is closed by a stop.
HSYNC
V
CONT
(4)
BPCP
BLK
Video IN
FBLK
OSD IN
V
OSD
(5)
V
BRT
(3)
V
BLACK
(2)
V
DC
(1)
CONT
OSD
BRT
0.4V fixed
V
OUT1,VOUT2,VOUT3
Notes : 1.
V
DC = 0.5 to 2.5V
2.
V
BLACK =VDC + 0.4V
3.
V
BRT =VBLACK + BRT (with BRT = 0 to 2.5V)
4.
V
CONT =VBRT + CONT with CONT = k x Video IN
(CONT = 5V
PP max. for VIN = 0.7VPP)
5.
V
OSD =VBRT + OSD with OSD = k1 x OSDIN (OSD max. = 5VPP, OSD min. = 312mVPP)
Figure 3 : Waveforms VOUT, BRT, CONT, OSD
TDA9206
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com