Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9206 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA9206
Description  I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9206 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA9206 Datasheet HTML 2Page - STMicroelectronics TDA9206 Datasheet HTML 3Page - STMicroelectronics TDA9206 Datasheet HTML 4Page - STMicroelectronics TDA9206 Datasheet HTML 5Page - STMicroelectronics TDA9206 Datasheet HTML 6Page - STMicroelectronics TDA9206 Datasheet HTML 7Page - STMicroelectronics TDA9206 Datasheet HTML 8Page - STMicroelectronics TDA9206 Datasheet HTML 9Page - STMicroelectronics TDA9206 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Supply Voltage (Pins 3-9-17-20-23)
14
V
VIN1
VIN2
Voltage at any Input Pins (except SDA & SCL)
Voltage at any Input Pins (on SDA & SCL)
GND < VIN1 <VS
GND < VIN2 < 5.5
V
V
VESD
ESD Susceptability (Human body model ; 100pF Discharge through 1.5k
Ω)2
kV
Tstg
Storage Temperature
- 40, + 150
°C
Tj
Junction Temperature
150
°C
Toper
Operating Temperature
0, + 70
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction-ambient Thermal Resistance
62
oC/W
DC ELECTRICAL CHARACTERISTICS (Tamb =25
oC, VCC = 12V, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VS
Supply Voltage
Pins 3-9-17-20-23
11.4
12
12.6
V
IS
Supply Current (All VS Pin current)
RL =1k
Ω
90
mA
VI
Video Input Voltage Amplitude
Pins 1-4-7
0.7
1
VPP
VO
Typical Output Voltage Range
Pins 16-19-22
0.5
-
8
V
VIL OSD
Low Level Inputs OSD, FBLK, BLK, HSYNC
Pins 2, 5, 8, 13, 14, 24
0.8
V
VIH OSD
High Level Inputs OSD, FBLK, BLK, HSYNC
Pins 2, 5, 8, 13, 14, 24
2.4
V
AC ELECTRICAL CHARACTERISTICS
(Tamb =25
oC, VCC = 12V, CL = 12pF, RL =1k
Ω , unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
AV
Maximum Gain (20 log x VOUT AC/VIN AC)
Contrast & Drive at maximum
18
dB
CAR
Contrast Attenuation Range
VIN = 0.7V, BRT, Drive = POR
48
dB
DAR
Drive Attenuation Range
VIN = 0.7V, Contrast, Drive = POR
48
dB
GM
Gain Match
VOUT = 2.5VPP,VIN = 0.7VPP
Contrast = Drive = Maxi x 0.7 (POR)
± 0.1
dB
BW
Bandwidth Large Signal
Bandwidth Small Signal
At -3dB, VIN = 0.7VPP
VOUT =4VPP,
Contrast = Drive = Maxi x 0.87
VOUT =2VPP,
Contrast = Drive = Maxi x 0.62
100
130
MHz
MHz
DIS
Video Output Distorsion (see Note)
f = 1MHz, VOUT =1VPP,VIN =1VPP
0.3
%
tR,tF
Video Output Rise and Fall Time
(see Note)
VIN = 0.7VPP,
VOUT =4VPP
Contrast = Drive = Maxi x 0.87
VOUT =2VPP
Contrast = Drive = Maxi x 0.62
3.8
2.8
4.5
ns
ns
BRT
Brightness Maximum DC Level
Brightness Minimum DC Level
2.5
0
V
V
BRTM
Brightness Matching
BRT = 50%, Drive = POR
± 20
mV
Note :
POR = Power-on Reset Value
TDA9206
6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com