Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9209 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA9209
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9209 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA9209 Datasheet HTML 4Page - STMicroelectronics TDA9209 Datasheet HTML 5Page - STMicroelectronics TDA9209 Datasheet HTML 6Page - STMicroelectronics TDA9209 Datasheet HTML 7Page - STMicroelectronics TDA9209 Datasheet HTML 8Page - STMicroelectronics TDA9209 Datasheet HTML 9Page - STMicroelectronics TDA9209 Datasheet HTML 10Page - STMicroelectronics TDA9209 Datasheet HTML 11Page - STMicroelectronics TDA9209 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TDA9209
8/22
4.11.2 DC Coupling with cut-off controls on
Video Amplifier (with TDA9533/ 9530, Figure 6)
The functioning and programming of the TDA9209
are the same as for the previous mode, except for
the cut-off control which is now performed via the
Video amplifier cut-off input .
In AC coupling and DC coupling with cut-off con-
trol, bits 2, 3 and 4 in Register 9 must be set to 1.
4.11.3 DC Coupling Mode (Figure 7)
This is the most commonly used configuration en-
abling to build a powerful video system on a small
PCB Board and giving a substantial cost saving
compared with any other solution available on the
market.
The preamplifier outputs control directly the cut-off
levels.
The output DC level (VDC) is adjusted independ-
ently for each channel from 0.5 V to 2.5 V via reg-
isters 10, 11 and 12.
In DC coupling mode, bit 2 must be set to 1 and
bit3 to 0 in Register 9.
4.11.4 DC Coupling with feedback mode (Fig. 8)
In this mode, the feedback voltage issued from the
cathode is sent to the TDA9209. This voltage is
compared to a reference from the cut-off DC level
DAC by the sample and hold circuit who also con-
trols the DC voltage of the feedback input in a
range of 0.5 V to 2.5 V.
Each channel is independently controlled via Reg-
isters 10, 11 and 12.
In DC coupling with feedback mode, bit 2 and bit 4
must be set to 0 in Register 9.
Figure 5. AC Coupling
Figure 6. DC Coupling with Cut-off Control
TDA9209
DC LEVEL (4bits)
0.5V to 2.35V
CUT-OFF 1,2,3 DC LEVEL
0.17V to 4.6V(8bits)
Pins
CRT
Driver
CRT
Pins15-16-22
Cut-off Control
17-19-21
TDA9209
DC LEVEL (4bits)
0.5V to 2.35V
CUT-OFF 1,2,3 DC LEVEL
0.17V to 4.6V (8bits)
Pins 15-16-22
Pins 17-19-21
TDA9533/9530
CRT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com