Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9209 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA9209
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9209 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA9209 Datasheet HTML 6Page - STMicroelectronics TDA9209 Datasheet HTML 7Page - STMicroelectronics TDA9209 Datasheet HTML 8Page - STMicroelectronics TDA9209 Datasheet HTML 9Page - STMicroelectronics TDA9209 Datasheet HTML 10Page - STMicroelectronics TDA9209 Datasheet HTML 11Page - STMicroelectronics TDA9209 Datasheet HTML 12Page - STMicroelectronics TDA9209 Datasheet HTML 13Page - STMicroelectronics TDA9209 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TDA9209
10/22
4.14 Power-on Reset
A power-on reset function is implemented on the
TDA9209 so that the I
2C registers have a deter-
mined status after power-on. The Power-on reset
threshold for a rising supply on VCCA (Pin 7) is
3.8 V (typ.) and 3.2V when the VCC decreases.
Figure 9. I2C Write Operation
4.15 Video detection (see Figure 10)
The video detection consists of three fast compa-
rators and a OR function.
The positive input of each comparator is connect-
ed to the input video pin (R, G, or B).
The negative inputs are connected together to a
reference voltage. This voltage is the threshold of
the comparators. The typical threshold voltage is
120 mV. The three comparator outputs are con-
nected to the OR inputs. Active Video output can
be inhibited by using bit 7 in Register 13 :
When AV output is validated, the AV output reach-
es 5V when at least one of the 3 video inputs gets
higher than 3.8V (typ.), and decreases to 0V if the
3 input voltages get lower than 3.2V (typ.).
Figure 10. Video Detection
SCL
W
A7
A6
A5
A4
A3
A2
A1
A0
SDA
Register Address
ACK
ACK
I2C Slave Address
Start
D7
D6
D5
D4
D3
D2
D1
D0
Data Byte
ACK
Stop
R13b7 = 0
AV inhibited
R13b7 = 1
AV validated
120mV
R13b7=0
AV
IN1
IN2
IN3
8
1
3
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com