Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9209 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA9209
Description  150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9209 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA9209 Datasheet HTML 5Page - STMicroelectronics TDA9209 Datasheet HTML 6Page - STMicroelectronics TDA9209 Datasheet HTML 7Page - STMicroelectronics TDA9209 Datasheet HTML 8Page - STMicroelectronics TDA9209 Datasheet HTML 9Page - STMicroelectronics TDA9209 Datasheet HTML 10Page - STMicroelectronics TDA9209 Datasheet HTML 11Page - STMicroelectronics TDA9209 Datasheet HTML 12Page - STMicroelectronics TDA9209 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TDA9209
9/22
Figure 7. DC Coupling
Figure 8. DC Coupling with Feedback (LCD mode)
4.12 Stand-by Mode
The TDA9209 has a stand-by mode. As soon as
the VCC power (Pin 20) gets lower than 3V (typ.),
the device is set in stand-by mode whatever the
voltage on analog VCCA (Pin 7) is. The analog
blocks are internally switched-off while the logic
parts (I2C bus, power-on reset) are still supplied.
In stand-by mode, the power consumption is be-
low 20 mW.
4.13 Serial Interface
The 2-wire serial interface is an I2C interface. The
slave address of TDA9209 is DC hex.
The host MCU can write into the TDA9209 regis-
ters. Read mode is not available.
In order to write data into the TDA9209, after the
“start” message, the MCU must send the following
data (see Figure 9):
– the I2C address slave byte with a low level for the
R/W bit,
– the byte to the internal register address where
the MCU wants to write data,
– the data.
All bytes are sent with MSB bit first. The transfer of
written data is ended with a “stop” message.
When transmitting several data, the register ad-
dresses and data can be written with no need to
repeat the start and slave addresses.
OUTPUT 1,2,3 DC LEVEL
Pins17-19-21
CRT
CRT
Driver
TDA 9209
0.5V to 2.5V (8bits)
CRT
CRT
Driver
Pins 17-19-21
Pins 15-16-22
CUT-OFF 1,2,3 DC LEVEL
0.5V to 2.5V (8bits)
TDA 9209
A6
A5
A4
A3
A2
A1
A0
W
110
111
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com